Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2600AMDA0AD Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MFS2600AMDA0AD
Description  Safety System Basis Chip with Low Power for ASIL D / ASIL B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2600AMDA0AD Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MFS2600AMDA0AD Datasheet HTML 12Page - NXP Semiconductors MFS2600AMDA0AD Datasheet HTML 13Page - NXP Semiconductors MFS2600AMDA0AD Datasheet HTML 14Page - NXP Semiconductors MFS2600AMDA0AD Datasheet HTML 15Page - NXP Semiconductors MFS2600AMDA0AD Datasheet HTML 16Page - NXP Semiconductors MFS2600AMDA0AD Datasheet HTML 17Page - NXP Semiconductors MFS2600AMDA0AD Datasheet HTML 18Page - NXP Semiconductors MFS2600AMDA0AD Datasheet HTML 19Page - NXP Semiconductors MFS2600AMDA0AD Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
NXP Semiconductors
FS26
Safety System Basis Chip with Low Power for ASIL D / ASIL B
10 Electrostatic discharge
Exceeding these ratings may cause a malfunction or permanent damage to the device.
Symbol
Description (Rating)
Min
Max
Unit
ESD ratings
Human body model: AEC-Q-100 Rev H.
VESD_HBM
All pins
-2.0
2.0
kV
Charged device model: AEC-Q-100 Rev H
VESD_CDM1
All pins
-500
500
V
VESD_CDM2
Corner pins
-750
750
V
Gun Test
VESD_CDT1
ESD - GUN discharged contact test
330 Ω/150 pF unpowered according to IEC61000-4-2
Global pins (VSUP_PWR, VSUP, FS0B, FS1B, TRK1, TRK2,
GPIO1, GPIO2, WAKE1, WAKE2)
-8
8
kV
VESD_CDT2
ESD - GUN discharged contact test
2 kΩ/150 pF unpowered according to ISO10605.2008
Global pins (VSUP_PWR, VSUP, FS0B, FS1B, TRK1, TRK2,
GPIO1, GPIO2, WAKE1, WAKE2)
-8
8
kV
VESD_CDT3
ESD - GUN discharged contact test
2 kΩ/330 pF powered according to ISO10605.2008
Global pins (VSUP_PWR, VSUP, FS0B, FS1B, TRK1, TRK2,
GPIO1, GPIO2, WAKE1, WAKE2)
-8
8
kV
VESD_CDT4
ESD - GUN discharged contact test
330 Ω/150 pF powered according to ISO10605.2008
Global pins (VSUP_PWR, VSUP, FS0B, FS1B, TRK1, TRK2,
GPIO1, GPIO2, WAKE1, WAKE2)
-8
8
kV
VESD_CDT5
Operating ESD- GUN discharged contact test
330 Ω/150 pF powered according to ISO10605.2008
Global pins (GND, BATSENSE, FS0B, FS1B). Criteria: CLASS A
-8
8
kV
Table 5. ESD
PB_FS26
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product brief
Rev. 3 — 14 March 2023
16 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com