Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2600AMDA0AD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MFS2600AMDA0AD
Description  Safety System Basis Chip with Low Power for ASIL D / ASIL B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2600AMDA0AD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MFS2600AMDA0AD Datasheet HTML 9Page - NXP Semiconductors MFS2600AMDA0AD Datasheet HTML 10Page - NXP Semiconductors MFS2600AMDA0AD Datasheet HTML 11Page - NXP Semiconductors MFS2600AMDA0AD Datasheet HTML 12Page - NXP Semiconductors MFS2600AMDA0AD Datasheet HTML 13Page - NXP Semiconductors MFS2600AMDA0AD Datasheet HTML 14Page - NXP Semiconductors MFS2600AMDA0AD Datasheet HTML 15Page - NXP Semiconductors MFS2600AMDA0AD Datasheet HTML 16Page - NXP Semiconductors MFS2600AMDA0AD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
NXP Semiconductors
FS26
Safety System Basis Chip with Low Power for ASIL D / ASIL B
8 Pinning Information
8.1 Pinning
EXPOSED PAD
VBST_PG
VMONPRE
WAKE 2
VBOS
GPIO1
CORE_IN
TRK1
CORE_BT
TRK2
CORE_SW
GPIO2
DEBUG
TRKIN
CORE_FB
VREF
AMUX
LDO2OUT
CSB
LDOIN
SCLK
LDO1OUT
MOSI
Power management
Communication
Safety
Other
FS1B
MISO
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
aaa-045500
Figure 7. Pin assignment in LQFP48 package with exposed pad
8.2 Pin descriptions
Symbol
Pin Number
Type
Description
VBST_PG
1
Digital output
Power Good signal for boost controller
WAKE2
2
Analog input
WAKE2 input pin or ERROR monitoring input
GPIO1
3
Analog output / Digital Input
General Purpose I/O 1
TRK1
4
Analog output
TRK1 output
TRK2
5
Analog output
TRK2 output
GPIO2
6
Analog output / Digital Input
General Purpose I/O 2
TRKIN
7
Analog input
Tracker Input
VREF
8
Analog output
Voltage reference output
LDO2OUT
9
Analog output
LDO2 output
LDOIN
10
Analog input
LDO input voltage supply
LDO1OUT
11
Analog output
LDO1 output
FS1B
12
Digital output
Safety output #1
Table 3. Pin descriptions
PB_FS26
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product brief
Rev. 3 — 14 March 2023
13 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com