Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR1073 Datasheet(PDF) 10 Page - DFROBOT

Part # DFR1073
Description  SKU_DFR1073_2_Channel_15bit_I2C_to_0-10V_DAC WIKI
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1073 Datasheet(HTML) 10 Page - DFROBOT

Back Button DFR1073 Datasheet HTML 5Page - DFROBOT DFR1073 Datasheet HTML 6Page - DFROBOT DFR1073 Datasheet HTML 7Page - DFROBOT DFR1073 Datasheet HTML 8Page - DFROBOT DFR1073 Datasheet HTML 9Page - DFROBOT DFR1073 Datasheet HTML 10Page - DFROBOT DFR1073 Datasheet HTML 11Page - DFROBOT DFR1073 Datasheet HTML 12Page - DFROBOT DFR1073 Datasheet HTML 13Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SAMPLE CODE
#include <DFRobot_GP8XXX.h>
/**************************
----------------------------
| A0 |
A1 | A2 | i2c_addr |
----------------------------
| 0
|
0
| 0
|
0x58
|
----------------------------
| 1
|
0
| 0
|
0x59
|
----------------------------
| 0
|
1
| 0
|
0x5A
|
----------------------------
| 1
|
1
| 0
|
0x5B
|
----------------------------
| 0
|
0
| 1
|
0x5C
|
----------------------------
| 1
|
0
| 1
|
0x5D
|
----------------------------
| 0
|
1
| 1
|
0x5E
|
----------------------------
| 1
|
1
| 1
|
0x5F
|
----------------------------
***************************/
DFRobot_GP8413 GP8413(/*deviceAddr=*/0x58);
void setup() {
Serial.begin(9600);
while(GP8413.begin()!=0){
Serial.println("Communication with the device has encountered a failure. Please verify th
delay(1000);
}
INTRODUCTION
DFR1073-GP8413(2-
Channel 15-bit I2C to 0-
5V/10V DAC Module)
FUNCTIONS
FEATURES
DIMENSION
FUNCTIONAL DIAGRAM
SPECIFICATIONS
TUTORIAL
More Documents
FAQ
2024/5/14 18:31
SKU_DFR1073_2_Channel_15bit_I2C_to_0-10V_DAC WIKI
https://wiki.dfrobot.com/SKU_DFR1073_2_Channel_15bit_I2C_to_0-10V_DAC
10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com