Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR1073 Datasheet(PDF) 11 Page - DFROBOT

Part # DFR1073
Description  SKU_DFR1073_2_Channel_15bit_I2C_to_0-10V_DAC WIKI
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1073 Datasheet(HTML) 11 Page - DFROBOT

Back Button DFR1073 Datasheet HTML 5Page - DFROBOT DFR1073 Datasheet HTML 6Page - DFROBOT DFR1073 Datasheet HTML 7Page - DFROBOT DFR1073 Datasheet HTML 8Page - DFROBOT DFR1073 Datasheet HTML 9Page - DFROBOT DFR1073 Datasheet HTML 10Page - DFROBOT DFR1073 Datasheet HTML 11Page - DFROBOT DFR1073 Datasheet HTML 12Page - DFROBOT DFR1073 Datasheet HTML 13Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
RESULT
After downloading the program, the actual output voltage of channel 0 was measured as 6.548V, while the
output voltage of channel 1 was measured as 0.979V using a voltmeter.
/**
* @brief. Setting the range of DAC output.
* @param range. the range of DAC output.
* @n
eOutputRange5V(0-5V)
* @n
eOutputRange10V(0-10V)
*/
GP8413.setDACOutRange(GP8413.eOutputRange10V);
/**
* @brief. Configuring different channel outputs for DAC values
* @param data. Data values corresponding to voltage values
* @n
(0 - 32767).This module is a 15-bit precision DAC module, hence the values ranging f
* @param channel. Output channels
* @n
0:channel 0
* @n
1:channel 1
* @n
2:All channels
*/
GP8413.setDACOutVoltage(21457,0);//channel 0 output 6.548V
GP8413.setDACOutVoltage(3210,1);//channel 1 output 0.979V
delay(1000);
//The set voltage is saved internally in the chip for power-off retention.
//GP8413.store();
}
void loop() {
}
INTRODUCTION
DFR1073-GP8413(2-
Channel 15-bit I2C to 0-
5V/10V DAC Module)
FUNCTIONS
FEATURES
DIMENSION
FUNCTIONAL DIAGRAM
SPECIFICATIONS
TUTORIAL
More Documents
FAQ
2024/5/14 18:31
SKU_DFR1073_2_Channel_15bit_I2C_to_0-10V_DAC WIKI
https://wiki.dfrobot.com/SKU_DFR1073_2_Channel_15bit_I2C_to_0-10V_DAC
11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com