Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPA3124D2PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3124D2PWPR
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3124D2PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA3124D2PWPR Datasheet HTML 9Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 10Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 11Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 12Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 13Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 14Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 15Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 16Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Gain Setting via GAIN0 and GAIN1 Inputs
INPUT RESISTANCE
Ci
IN
Zi
Zf
Input
Signal
f=
1
2
Z C
p
i
i
(1)
TPA3124D2
www.ti.com........................................................................................................................................................................................................ SLOS578 – MAY 2008
Several things can be done to relieve power-supply pumping. The lowest impact is to operate the two inputs out
of phase 180
° and reverse the speaker connections. Because most audio is highly correlated, this causes the
supply pumping to be out of phase and not as severe. If this is not enough, the amount of bulk capacitance on
the supply must be increased. Also, improvement is realized by hooking other supplies to this node, thereby,
sinking some of the excess current. Power-supply pumping should be tested by operating the amplifier at low
frequencies and high output levels.
The gain of the TPA3124D2 is set by two input terminals, GAIN0 and GAIN1.
The gains listed in Table 2 are realized by changing the taps on the input resistors and feedback resistors inside
the amplifier. This causes the input impedance (ZI) to be dependent on the gain setting. The actual gain settings
are controlled by ratios of resistors, so the gain variation from part-to-part is small. However, the input impedance
from part-to-part at the same gain may shift by ±20% due to shifts in the actual resistance of the input resistors.
For design purposes, the input network (discussed in the next section) should be designed assuming an input
impedance of 8 k
Ω, which is the absolute minimum input impedance of the TPA3124D2. At the higher gain
settings, the input impedance could increase as high as 72 k
Ω.
Table 2. Gain Setting
INPUT IMPEDANCE
AMPLIFIER GAIN (dB),
GAIN1
GAIN0
(k
Ω),
TYPICAL
TYPICAL
0
0
20
60
0
1
26
30
1
0
32
15
1
1
36
9
Changing the gain setting can vary the input resistance of the amplifier from its smallest value, 10 k
Ω ±20%, to
the largest value, 60 k
Ω ±20%. As a result, if a single capacitor is used in the input high-pass filter, the –3-dB
cutoff frequency may change when changing gain steps.
The –3-dB frequency can be calculated using Equation 1. Use the ZI values given in Table 2.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPA3124D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com