Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPA3124D2PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3124D2PWPR
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3124D2PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPA3124D2PWPR Datasheet HTML 1Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 2Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 3Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 4Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 5Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
PVCCL
SD
PVCCL
MUTE
LIN
RIN
BYPASS
AGND
AGND
PVCCR
VCLAMP
PVCCR
24
23
22
21
20
19
18
17
16
15
14
13
PGNDL
PGNDL
LOUT
BSL
AVCC
AVCC
GAIN0
GAIN1
BSR
ROUT
PGNDR
PGNDR
TPA3124D2
SLOS578 – MAY 2008........................................................................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PWP (TSSOP) PACKAGE
(TOP VIEW)
Table 1. TERMINAL FUNCTIONS
TERMINAL
I/O/P
DESCRIPTION
24-PIN
NAME
(PWP)
Shutdown signal for IC (low = disabled, high = operational). TTL logic levels with compliance to
SD
2
I
AVCC
RIN
6
I
Audio input for right channel
LIN
5
I
Audio input for left channel
GAIN0
18
I
Gain select least-significant bit. TTL logic levels with compliance to AVCC
GAIN1
17
I
Gain select most-significant bit. TTL logic levels with compliance to AVCC
Mute signal for quick disable/enable of outputs (high = outputs switch at 50% duty cycle, low =
MUTE
4
I
outputs enabled). TTL logic levels with compliance to AVCC
BSL
21
I/O
Bootstrap I/O for left channel
PVCCL
1, 3
P
Power supply for left-channel H-bridge, not internally connected to PVCCR or AVCC
LOUT
22
O
Class-D -H-bridge positive output for left channel
PGNDL
23, 24
P
Power ground for left-channel H-bridge
VCLAMP
11
P
Internally generated voltage supply for bootstrap capacitors
BSR
16
I/O
Bootstrap I/O for right channel
ROUT
15
O
Class-D -H-bridge negative output for right channel
PGNDR
13, 14
P
Power ground for right-channel H-bridge.
PVCCR
10, 12
P
Power supply for right-channel H-bridge, not connected to PVCCL or AVCC
AGND
9
P
Analog ground for digital/analog cells in core
AGND
8
P
Analog ground for analog cells in core
Reference for preamplifier inputs. Nominally equal to AVCC/8. Also controls start-up time via
BYPASS
7
O
external capacitor sizing.
AVCC
19, 20
P
High-voltage analog power supply. Not internally connected to PVCCR or PVCCL
Connect to ground. Thermal pad should be soldered down on all applications to secure the
Thermal pad
Die pad
P
device properly to the printed wiring board.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA3124D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com