Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST40RA166XH1 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST40RA166XH1
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH1 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST40RA166XH1 Datasheet HTML 69Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 70Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 71Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 72Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 73Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 74Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 75Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 76Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 94 page
background image
8 Pin description
ST40RA
73/94
STMicroelectronics
ADCS 7260755H
NOTPLOCK
I
-
I/O
H
PCLK
I
-
I/O
Z
NOTPREQ[0:3]
I
-
I/O
Z
NOTPGNT[0:3]
O
1
I/O
1111
PCLKOUT
O
Running
I/O
Running
NOTPINTA
I/O
-
I/O
H
GPDMA pins
DACK0, DACK1
O
Z
I/O
0
DRAK0, DRAK1
O
Z
I/O
0
DREQ0, DREQ1
I
-
I/O
Z
Serial communication interface with FIFO (SCIF) pins
SCI2
I
-
I/O
H
CTS1
O
Z
I/O
H
RXD0, RXD1
I
-
I/O
H
SCK0, SCK1
I
-
I/O
H
TXD0, TXD1
O
Z
I/O
H
Power, clocks and so on
NOTRST
I
-
I
(0)
(1)
IRL0:3, NMI
I
-
I
H
TMUCLK
I/O
-
I/O
H
LPCLKIN
I
-
I
0
CLKIN
I
-
I
Running
LPCLKOSC, CLKOSC
O
Oscillator output
O
Running
AUXCLKOUT
O
CLKIN
O
CLKIN
STATUS1:0
O
11
O
11
00
AUDATA0:3
O
00
O
0000
AUDSYNC
O
1
O
1
AUDCLK
O
0
O
0
NOTASEBRK
I
-
I/O
(1)
DCLK, TCK, EADDR,TDI
I
-
I
(0)
NOTTRST,
I
-
I
(0)
(1)
TDO
O
Z
O
Z
Pin names
Architecturally defined
reset state
Implementation reset state during and after
reset
Dir
During reset
Dir
During reset
Following reset
Table 36: Pin reset states for ST40RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com