| Electronic Components Datasheet Search |
|
ST40RA166XH1 Datasheet(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST40RA166XH1 Datasheet(HTML) 87 Page - STMicroelectronics |
|
87 / 94 page ![]() B Implementation restrictions ST40RA 87/94 STMicroelectronics ADCS 7260755H B Implementation restrictions B.1 ST40 CPU B.1.1 tas.b The atomicity of the tas.b instruction is only guaranteed for processes executing on the ST40 CPU core and should not be used to implement intermodule or interchip semaphores. Either use the mailbox functionality or an appropriate software algorithm for such semaphores. B.1.2 Store queue power-down The store queue is considered part of the general CPU and independent power-down of this block is not implemented. B.1.3 UBC power-down The UBC is considered part of the general CPU and independent power-down of this block is not implemented. B.1.4 System standby To enter and leave standby it is necessary for the CPU to power down the system including memory devices and then to enter standby by executing a sleep instruction. On leaving sleep and standby, it may be necessary for the CPU to power itself up and subsequently power up the system and its memory devices. During the power-down and power-up sequences the main memory devices are not available. The CPU therefore preloads the appropriate code into the cache as part of the power sequencing. B.2 PCI B.2.1 Clocking PCI internal clock loop back is not implemented. To use the internal PCI clock, the pads PCICLOCKOUT and PCICLOCKIN are connected to rollback the clock generator. Alternatively an external clock source may be used. B.2.2 Type 2 configuration accesses Configuration space accesses to devices across a PCI bridge are implemented as type 2 operations on the PCI bus. In this implementation such accesses must be broken into a sequence of byte operations. For example, access to a 32-bit register is through four single byte operations. B.2.3 Software visible changes between STB1HC7 and ST40RAH8D PCI PLL reprogramming required for H7 parts is no longer required for H8. The PCI PLL register is renamed from PLLPCICR to CLKGENA.PLL2CR. The register implementation for PCI MBAR mappings has changed between the STB1HC7 and ST40RAH8D implementations and software device drivers should reflect this. B.2.4 Error behavior The implementation of local (PCI register) error handling is not fully implemented. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |