Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72622K2B1 Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST72622K2B1
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72622K2B1 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST72622K2B1 Datasheet HTML 96Page - STMicroelectronics ST72622K2B1 Datasheet HTML 97Page - STMicroelectronics ST72622K2B1 Datasheet HTML 98Page - STMicroelectronics ST72622K2B1 Datasheet HTML 99Page - STMicroelectronics ST72622K2B1 Datasheet HTML 100Page - STMicroelectronics ST72622K2B1 Datasheet HTML 101Page - STMicroelectronics ST72622K2B1 Datasheet HTML 102Page - STMicroelectronics ST72622K2B1 Datasheet HTML 103Page - STMicroelectronics ST72622K2B1 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 132 page
background image
ST7262
100/132
12.2.3 Thermal Characteristics
12.3 OPERATING CONDITIONS
12.3.1 General Operating Conditions (standard voltage ROM and Flash devices)
.
Figure 54. fCPU Versus VDD for standard voltage devices
Table 26. General Operating Conditions (low voltage ROM devices, no USB, no ADC))
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
°C
TJ
Maximum junction temperature
175
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating Supply Voltage
fCPU = 8 MHz
45
5.5
VDDA
Analog reference voltage
VDD
VDD
VSSA
Analog reference voltage
VSS
VSS
fCPU
Operating frequency
fOSC = 12MHz
8
MHz
fOSC = 6MHz
4
TA
Ambient temperature range
070
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating Supply Voltage
fCPU = 4 MHz
3
5
5.5
VDDA
Analog reference voltage
VDD
VDD
VSSA
Analog reference voltage
VSS
VSS
fCPU
Operating frequency
fOSC = 6MHz
4
MHz
TA
Ambient temperature range
070
°C
fCPU [MHz]
SUPPLY VOLTAGE [V]
8
4
2
0
2.5
3.0
3.5
4
4.5
5
5.5
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
FUNCTIONALITY
GUARANTEED
IN THIS AREA
(UNLESS OTHERWISE
SPECIFIED IN THE
TABLES OF
PARAMETRIC DATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com