Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72622K2B1 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST72622K2B1
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72622K2B1 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST72622K2B1 Datasheet HTML 31Page - STMicroelectronics ST72622K2B1 Datasheet HTML 32Page - STMicroelectronics ST72622K2B1 Datasheet HTML 33Page - STMicroelectronics ST72622K2B1 Datasheet HTML 34Page - STMicroelectronics ST72622K2B1 Datasheet HTML 35Page - STMicroelectronics ST72622K2B1 Datasheet HTML 36Page - STMicroelectronics ST72622K2B1 Datasheet HTML 37Page - STMicroelectronics ST72622K2B1 Datasheet HTML 38Page - STMicroelectronics ST72622K2B1 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 132 page
background image
ST7262
35/132
I/O PORTS (Cont’d)
9.2.7 Port C
Table 11. Port C Description
Figure 28. Port C[1:0] Configuration
PORT C
I/O
Alternate Function
Input*
Output
Signal
Condition
PC0
floating
true open drain
PC1
floating
true open drain
PC2
with pull-up
push-pull
IT9 Schmitt triggered input
IT9E = 1 (ITRFRE2)
PC3
with pull-up
push-pull
SCK
SPI enabled
IT10 Schmitt triggered input
IT10E = 1 (ITRFRE2)
PC4
with pull-up
push-pull
SS
SPI enabled
IT11 Schmitt triggered input
IT11E = 1 (ITRFRE2)
PC5
with pull-up
push-pull
MISO
SPI enabled
IT12 Schmitt triggered input
IT12E = 1 (ITRFRE2)
PC6
with pull-up
push-pull
MOSI
SPI enabled
PC7
with pull-up
push-pull
*Reset State
DR
DDR
LATCH
LATCH
DR SEL
DDR SEL
PAD
ALTERNATE ENABLE
ALTERNATE ENABLE
ALTERNATE
OUTPUT
N-BUFFER
1
0
1
0
CMOS SCHMITT TRIGGER
VSS
DIODES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com