Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSCD25 Datasheet(PDF) 3 Page - CUI INC

Part # VSCD25
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSCD25 Datasheet(HTML) 3 Page - CUI INC

  VSCD25 Datasheet HTML 1Page - CUI INC VSCD25 Datasheet HTML 2Page - CUI INC VSCD25 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
rev.
page
date
DESCRIPTION: DC/DC converter
3 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VSCD25 series
DIMENSIONS (mm)
-40
-20
0
40
60
80
0
0
1
0
2
120%
100%
80%
60%
40%
20%
0%
Ambient Temperature(˚C)
Vo=3.3V
Others
-40
71
100
DERATING CURVE
0.70
(17.78)
1.55
(39.40)
0.100
(2.54)
0.300
(7.62)
7
65
0.600
(15.24)
0.70
(17.78)
3
4
0.200
(5.08)
1
0.14
(3.60)
0.15
(3.80)
0.40
(10.16)
4
31
6
8
7
5
BOTTOM
VIEW
0.45
(11.43)
0.22min.
(5.60)
1.60
(40.64)
0.50
(12.70)
0.70
(17.78)
0.10
(2.54)
0.30
(7.62)
0.04 DIA
(1.02)
1.80
(45.72)
2.00
(50.80)
0.70
(17.78)
0.20
(5.08)
0.60
(15.24)
HIGH SIGNAL HERE
DISABLE OUTPUT
ON/OFF (1)
-VIN (3)
External Output Trim
Remote ON/OFF Control
Open Frame (Suffix "O")
Metal Case
-Vout (6)
TRIM UP
TRIM (5)
TRIM DOWN
+Vout (7)
-Vout (6)
+Vout (7)
TRIM (5)
10K ohms
TRIMPOT
PIN CONNECTION
Pin
Function
1.
3.
4.
5.
6.
7.
8.
On/Off Control
-V Input
+V Input
Trim
-V Output
+V Output
No Pin
All Dimensions In Inches(mm)
Tolerances:
.XX±.04
.XXX±.010



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com