Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSCD25 Datasheet(PDF) 1 Page - CUI INC

Part # VSCD25
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSCD25 Datasheet(HTML) 1 Page - CUI INC

  VSCD25 Datasheet HTML 1Page - CUI INC VSCD25 Datasheet HTML 2Page - CUI INC VSCD25 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC/DC converter
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VSCD25 series
features
·14.4 to 25W isolated output
·efficiency up to 91%
·fixed 300KHz switching frequency
·regulated outputs
·2:1 input range
·continuous short circuit protection
·six-sided metal case or open-
frame
·2" X 1.6" size
·industry standard pin-out
model
input
output
output
input current
number
voltage
voltage
current
no load
full load
efficiency
size
VSCD25-D24-S1R8
18-36VDC
1.8VDC
8A
70mA
723mA
83%
SC
VSCD25-D24-S2R5
18-36VDC
2.5VDC
8A
70mA
970mA
86%
SC
VSCD25-D24-S3R3
18-36VDC
3.3VDC
6A
70mA
940mA
88%
SC
VSCD25-D24-S5
18-36VDC
5.0VDC
5A
70mA
1170mA
89%
SC
VSCD25-D24-S12
18-36VDC
12VDC
2A
50mA
1136mA
88%
SC
VSCD25-D24-S15
18-36VDC
15VDC
1.6A
50mA
1136mA
88%
SC
VSCD25-D48-S1R8
36-75VDC
1.8VDC
8A
50mA
353mA
85%
SC
VSCD25-D48-S2R5
36-75VDC
2.5VDC
8A
50mA
479mA
87%
SC
VSCD25-D48-S3R3
36-75VDC
3.3VDC
6A
50mA
465mA
89%
SC
VSCD25-D48-S5
36-75VDC
5.0VDC
5A
50mA
572mA
91%
SC
VSCD25-D48-S12
36-75VDC
12VDC
2A
30mA
562mA
89%
SC
VSCD25-D48-S15
36-75VDC
15VDC
1.6A
30mA
562mA
89%
SC
GENERAL SPECIFICATIONS
efficiency
see table
isolation voltage
1500VDC max.
isolation resistance
108Ohm min.
switching frequency
300KHz, Typ
operating temperature range
-40°C to +85°C
case temperature
100°C max.
storage temperature range
-55°C to +125°C
thermal shutdown, case temp.
100°C Typ.
dimensions:
metal case
2.00x1.60x0.45 inches
open frame
1.95x1.55x0.35 inches
metal case material:
black coated copper with non-conductive base


Similar Part No. - VSCD25

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
VSCD014H ZOWIE-VSCD014H Datasheet
44Kb / 2P
Schottky Barrier Diode
VSCD024H ZOWIE-VSCD024H Datasheet
174Kb / 2P
Schottky Barrier Diode
More results

Similar Description - VSCD25

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com