Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72311R7T1S Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST72311R7T1S
Description  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72311R7T1S Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST72311R7T1S Datasheet HTML 74Page - STMicroelectronics ST72311R7T1S Datasheet HTML 75Page - STMicroelectronics ST72311R7T1S Datasheet HTML 76Page - STMicroelectronics ST72311R7T1S Datasheet HTML 77Page - STMicroelectronics ST72311R7T1S Datasheet HTML 78Page - STMicroelectronics ST72311R7T1S Datasheet HTML 79Page - STMicroelectronics ST72311R7T1S Datasheet HTML 80Page - STMicroelectronics ST72311R7T1S Datasheet HTML 81Page - STMicroelectronics ST72311R7T1S Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
78/164
16-BIT TIMER (Cont’d)
Table 19. 16-Bit Timer Register Map and Reset Values
Address
(Hex.)
Register
Label
76543210
Timer A: 32
Timer B: 42
CR1
Reset Value
ICIE
0
OCIE
0
TOIE
0
FOLV2
0
FOLV1
0
OLVL2
0
IEDG1
0
OLVL1
0
Timer A: 31
Timer B: 41
CR2
Reset Value
OC1E
0
OC2E
0
OPM
0
PWM
0
CC1
0
CC0
0
IEDG2
0
EXEDG
0
Timer A: 33
Timer B: 43
SR
Reset Value
ICF1
0
OCF1
0
TOF
0
ICF2
0
OCF2
0
-
0
-
0
-
0
Timer A: 34
Timer B: 44
ICHR1
Reset Value
MSB
-
-
-
----
LSB
-
Timer A: 35
Timer B: 45
ICLR1
Reset Value
MSB
-
-
-
----
LSB
-
Timer A: 36
Timer B: 46
OCHR1
Reset Value
MSB
-
-
-
----
LSB
-
Timer A: 37
Timer B: 47
OCLR1
Reset Value
MSB
-
-
-
----
LSB
-
Timer A: 3E
Timer B: 4E
OCHR2
Reset Value
MSB
-
-
-
----
LSB
-
Timer A: 3F
Timer B: 4F
OCLR2
Reset Value
MSB
-
-
-
----
LSB
-
Timer A: 38
Timer B: 48
CHR
Reset Value
MSB
111
1111
LSB
1
Timer A: 39
Timer B: 49
CLR
Reset Value
MSB
111
1110
LSB
0
Timer A: 3A
Timer B: 4A
ACHR
Reset Value
MSB
111
1111
LSB
1
Timer A: 3B
Timer B: 4B
ACLR
Reset Value
MSB
111
1110
LSB
0
Timer A: 3C
Timer B: 4C
ICHR2
Reset Value
MSB
-
-
-
----
LSB
-
Timer A: 3D
Timer B: 4D
ICLR2
Reset Value
MSB
-
-
-
----
LSB
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com