Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72311R7T1S Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST72311R7T1S
Description  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72311R7T1S Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST72311R7T1S Datasheet HTML 45Page - STMicroelectronics ST72311R7T1S Datasheet HTML 46Page - STMicroelectronics ST72311R7T1S Datasheet HTML 47Page - STMicroelectronics ST72311R7T1S Datasheet HTML 48Page - STMicroelectronics ST72311R7T1S Datasheet HTML 49Page - STMicroelectronics ST72311R7T1S Datasheet HTML 50Page - STMicroelectronics ST72311R7T1S Datasheet HTML 51Page - STMicroelectronics ST72311R7T1S Datasheet HTML 52Page - STMicroelectronics ST72311R7T1S Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
49/164
10 ON-CHIP PERIPHERALS
10.1 WATCHDOG TIMER (WDG)
10.1.1 Introduction
The Watchdog timer is used to detect the occur-
rence of a software fault, usually generated by ex-
ternal interference or by unforeseen logical condi-
tions, which causes the application program to
abandon its normal sequence. The Watchdog cir-
cuit generates an MCU reset on expiry of a pro-
grammed time period, unless the program refresh-
es the counter’s contents before the T6 bit be-
comes cleared.
10.1.2 Main Features
s
Programmable timer (64 increments of 12288
CPU cycles)
s
Programmable reset
s
Reset (if watchdog activated) after a HALT
instruction or when the T6 bit reaches zero
s
Hardware Watchdog selectable by option byte
s
Watchdog Reset indicated by status flag (in
versions with Safe Reset option only)
10.1.3 Functional Description
The counter value stored in the CR register (bits
T[6:0]), is decremented every 12,288 machine cy-
cles, and the length of the timeout period can be
programmed by the user in 64 increments.
If the watchdog is activated (the WDGA bit is set)
and when the 7-bit timer (bits T[6:0]) rolls over
from 40h to 3Fh (T6 becomes cleared), it initiates
a reset cycle pulling low the reset pin for typically
500ns.
Figure 28. Watchdog Block Diagram
RESET
WDGA
7-BIT DOWNCOUNTER
fCPU
T6
T0
CLOCK DIVIDER
WATCHDOG CONTROL REGISTER (CR)
÷12288
T1
T2
T3
T4
T5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com