Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB10NB50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB10NB50
Description  N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB10NB50 Datasheet(HTML) 1 Page - STMicroelectronics

  STB10NB50 Datasheet HTML 1Page - STMicroelectronics STB10NB50 Datasheet HTML 2Page - STMicroelectronics STB10NB50 Datasheet HTML 3Page - STMicroelectronics STB10NB50 Datasheet HTML 4Page - STMicroelectronics STB10NB50 Datasheet HTML 5Page - STMicroelectronics STB10NB50 Datasheet HTML 6Page - STMicroelectronics STB10NB50 Datasheet HTML 7Page - STMicroelectronics STB10NB50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STB10NB50
N - CHANNEL 500V - 0.55
Ω - 10.6A - D2PAK
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.55
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
s
ADD SUFFIX ”T4” FOR ORDERING IN TAPE
& REEL
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
March 1999
1
3
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
500
V
VDGR
Drain- gat e Voltage (RGS =20 k
Ω)
500
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (cont inuous) at Tc =25
o C10.6
A
ID
Drain Current (cont inuous) at Tc = 100
oC6.4
A
IDM(
•)
Drain Current (pulsed)
42.4
A
Ptot
T otal Dissipation at Tc =25
oC135
W
Derating F act or
1.08
W /
oC
dv/dt (1)
Peak Diode Recovery voltage slope
4.5
V/ns
Tstg
Storage T emperature
-65 to 150
oC
Tj
Max. Operating Junction T emperature
150
oC
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 10.6A, di/dt ≤ 200 Α/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
ST B10NB50
500 V
< 0.60
Ω
10.6 A
D
2PAK
TO-263
1/8


Similar Part No. - STB10NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB10NB20 STMICROELECTRONICS-STB10NB20 Datasheet
81Kb / 8P
N - CHANNEL 200V - 0.30ohm - 10A - D2PAK PowerMESH] MOSFET
Nov-1998
More results

Similar Description - STB10NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB10NB20 STMICROELECTRONICS-STB10NB20 Datasheet
81Kb / 8P
N - CHANNEL 200V - 0.30ohm - 10A - D2PAK PowerMESH] MOSFET
Nov-1998
STB10NC50-1 STMICROELECTRONICS-STB10NC50-1 Datasheet
55Kb / 7P
N - CHANNEL 500V - 0.48ohm - 10A - I2PAK/D2PAK PowerMESH] MOSFET
Dec-1999
STB4NC50 STMICROELECTRONICS-STB4NC50 Datasheet
244Kb / 8P
N-CHANNEL 500V - 2.2Ω - 4A D2PAK PowerMesh™ II MOSFET
Jul-2000
STB5NB80 STMICROELECTRONICS-STB5NB80 Datasheet
87Kb / 8P
N - CHANNEL 800V - 1.8ohm - 5A -D2PAK PowerMESH] MOSFET
Mar-1999
STB6NB50 STMICROELECTRONICS-STB6NB50 Datasheet
92Kb / 9P
N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET
Nov-1999
STB8NC50 STMICROELECTRONICS-STB8NC50 Datasheet
441Kb / 9P
N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh™ I MOSFET
Nov-2001
STD1NB50 STMICROELECTRONICS-STD1NB50 Datasheet
87Kb / 8P
N - CHANNEL 500V - 7.5ohm - 1.4A IPAK PowerMESH MOSFET
Mar-2000
STP10NB50 STMICROELECTRONICS-STP10NB50 Datasheet
105Kb / 9P
N - CHANNEL 500V - 0.55ohm - 10.6A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1999
STP5NC50 STMICROELECTRONICS-STP5NC50 Datasheet
534Kb / 12P
N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh™ I MOSFET
Dec-2002
STU16NB50 STMICROELECTRONICS-STU16NB50 Datasheet
49Kb / 6P
N-CHANNEL 500V - 0.28ohm - 15.6A-Max220 PowerMESH MOSFET
Sep-1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com