Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB10NB50 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB10NB50
Description  N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB10NB50 Datasheet(HTML) 2 Page - STMicroelectronics

  STB10NB50 Datasheet HTML 1Page - STMicroelectronics STB10NB50 Datasheet HTML 2Page - STMicroelectronics STB10NB50 Datasheet HTML 3Page - STMicroelectronics STB10NB50 Datasheet HTML 4Page - STMicroelectronics STB10NB50 Datasheet HTML 5Page - STMicroelectronics STB10NB50 Datasheet HTML 6Page - STMicroelectronics STB10NB50 Datasheet HTML 7Page - STMicroelectronics STB10NB50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
0.9
oC/W
Rthj-amb
Rthc-sink
T l
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature For Soldering Purpose
62.5
0.5
300
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symbo l
Parameter
Max Valu e
Unit
IAR
Avalanche Current , Repet itive or Not-Repet itive
(pulse width limited by Tj max)
10. 6
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =IAR,VDD =50 V)
550
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =250
µAVGS =0
500
V
IDSS
Zero G ate Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS = Max Rating
Tc =125
oC
1
50
µA
µA
IGSS
Gat e-body Leakage
Current (VDS =0)
VGS =
± 30 V
± 100
nA
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
VGS(th)
Gat e Threshold
Voltage
VDS =VGS
ID = 250
µA
345
V
RDS(on)
Static Drain-source O n
Resist ance
VGS =10V
ID = 5.3 A
0.55
0.60
Ω
ID(o n)
On Stat e Drain Current
VDS >ID(o n) xRDS(on )max
VGS =10 V
10. 6
A
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
gfs (
∗)Forward
Transconduct ance
VDS >ID(o n) xRDS(on )max
ID =5.3 A
5
8
S
Ciss
Coss
Crss
Input Capacitance
Out put Capacitance
Reverse T ransfer
Capacitance
VDS =25 V
f = 1 MHz
VGS = 0
1480
210
25
pF
pF
pF
STB10NB50
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com