Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM5451YV Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MM5451YV
Description  LED Display Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MM5451YV Datasheet(HTML) 1 Page - Micrel Semiconductor

  MM5451YV Datasheet HTML 1Page - Micrel Semiconductor MM5451YV Datasheet HTML 2Page - Micrel Semiconductor MM5451YV Datasheet HTML 3Page - Micrel Semiconductor MM5451YV Datasheet HTML 4Page - Micrel Semiconductor MM5451YV Datasheet HTML 5Page - Micrel Semiconductor MM5451YV Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain to Source Voltage
60
V
ID
Continuous Drain Current(@TA = 25°C)
200
mA
IDM
Drain Current Pulsed
(Note 1)
500
mA
VGS
Gate to Source Voltage
±20
V
PD
Total Power Dissipation Single Operation (TA=25°C)
0.4
W
Total Power Dissipation Single Operation (TA=70°C)
3.2
mW
TSTG, TJ
Operating Junction Temperature & Storage Temperature
- 55 ~ 150
°C
TL
Maximum Lead Temperature for soldering purpose,
1/8 from Case for 10 seconds.
300
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
Min.
Typ.
Max.
RθJA
Thermal Resistance, Junction-to-Ambient
-
-
312.5
°C/W
2N7000
January, 2003. Rev. 0.
1/6
Features
■
RDS(on) (Max 5 Ω )@VGS=10V
RDS(on) (Max 5.3Ω )@VGS=4.5V
■
Gate Charge (Typical 0.5nC)
■
Maximum Junction Temperature Range (150°C)
General Description
This Power MOSFET is produced using planar DMOS technology.
And this Power MOSFET is well suited for Battery switch, Load
switch, Motor controller and other small signal switches.
SemiWell Semiconductor
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
Logic N-Channel MOSFET
Symbol
TO-92
1
3
2
●
●
●
▲
◀
●
●
●
▲
◀
3. Drain
1. Source
2. Gate
PRELIMINARY


Similar Part No. - MM5451YV

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MM5451YV MICROCHIP-MM5451YV Datasheet
267Kb / 20P
LED Display Driver
06/23/16
MM5451YV-TR MICROCHIP-MM5451YV-TR Datasheet
267Kb / 20P
LED Display Driver
06/23/16
More results

Similar Description - MM5451YV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
M5481 STMICROELECTRONICS-M5481 Datasheet
76Kb / 8P
LED DISPLAY DRIVER
Apr-2000
M5482 STMICROELECTRONICS-M5482 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
LED DISPLAY DRIVER
09-Jun-2004
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
logo
Silicon Touch Technolog...
ST2225A SITI-ST2225A Datasheet
318Kb / 12P
LED Display Driver
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_11 Datasheet
283Kb / 9P
LED Display Driver
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
LED Display Driver
February 1995
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com