Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM5451YV Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MM5451YV
Description  LED Display Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MM5451YV Datasheet(HTML) 3 Page - Micrel Semiconductor

  MM5451YV Datasheet HTML 1Page - Micrel Semiconductor MM5451YV Datasheet HTML 2Page - Micrel Semiconductor MM5451YV Datasheet HTML 3Page - Micrel Semiconductor MM5451YV Datasheet HTML 4Page - Micrel Semiconductor MM5451YV Datasheet HTML 5Page - Micrel Semiconductor MM5451YV Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
150℃
Notes :
※
1. V
GS = 0V
2. 250µ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1.0
1.5
2.0
2.5
3.0
V
GS = 4.5V
V
GS = 10V
Note : T
※
J = 25℃
I
D, Drain Current [A]
02468
10
10
-1
10
0
150
oC
25
oC
-55
oC
Notes :
※
1. V
DS = 10V
2. 250µ s Pulse Test
V
GS, Gate-Source Voltage [V]
10
0
10
1
10
0
V
GS
Top :
10.0 V
8.0 V
6.0 V
5.0 V
4.5 V
4.0 V
3.5 V
Bottom :
3.0 V
Notes :
※
1. 250µ s Pulse Test
2. T
C = 25℃
V
DS, Drain-Source Voltage [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
2
4
6
8
10
12
V
DS = 30V
V
DS = 48V
Note : I
※
D = 200 mA
Q
G, Total Gate Charge [nC]
0
5
10
15
20
25
30
0
10
20
30
40
50
C
rss
C
oss
C
iss
Notes :
※
1. V
GS = 0V
2. f=1MHz
C
iss=Cgs+Cgd(Cds=shorted)
C
oss=Cds+Cgd
C
rss=Cgd
V
DS, Drain-Source Voltage [V]
3/6
Fig 3. On Resistance Variation vs.
Drain Current and Gate Voltage
Fig 4. On State Current vs.
Allowable Case Temperature
Fig 5. Capacitance Characteristics
Fig 6. Gate Charge Characteristics
2N7000
Fig 1. On-State Characteristics
Fig 2. Transfer Characteristics
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com