| Electronic Components Datasheet Search |
|
PSD835G2-70M Datasheet(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD835G2-70M Datasheet(HTML) 13 Page - STMicroelectronics |
|
13 / 110 page ![]() PSD8XX Family PSD835G2 12 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Port Pin 7 Port Pin 6 Port Pin 5 Port Pin 4 Port Pin 3 Port Pin 2 Port Pin 1 Port Pin 0 Data In Registers – Port A, B, C, D, E, F and G 8.0 Register Bit Definition All the registers in the PSD835G2 are included here for reference. Detail description of the registers are found in the Functional Block section of the Data Sheet. Bit definitions: Read only registers, read Port pin status when Port is in MCU I/O input Mode. Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Port Pin 7 Port Pin 6 Port Pin 5 Port Pin 4 Port Pin 3 Port Pin 2 Port Pin 1 Port Pin 0 Data Out Registers – Port A, B, C, D, E, F and G Bit definitions: Latched data for output to Port pin when pin is configured in MCU I/O output mode. Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Port Pin 7 Port Pin 6 Port Pin 5 Port Pin 4 Port Pin 3 Port Pin 2 Port Pin 1 Port Pin 0 Direction Registers – Port A, B, C, D, E, F and G Bit definitions: Set Register Bit to 0 = configure corresponding Port pin in Input mode (default). Set Register Bit to 1 = configure corresponding Port pin in Output mode. Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Port Pin 7 Port Pin 6 Port Pin 5 Port Pin 4 Port Pin 3 Port Pin 2 Port Pin 1 Port Pin 0 Control Registers – Ports E, F and G Bit definitions: Set Register Bit to 0 = configure corresponding Port pin in MCU I/O mode (default). Set Register Bit to 1 = configure corresponding Port pin in Latched Address Out mode. Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Port Pin 7 Port Pin 6 Port Pin 5 Port Pin 4 Port Pin 3 Port Pin 2 Port Pin 1 Port Pin 0 Drive Registers – Ports A, B, D, E, and G Bit definitions: Set Register Bit to 0 = configure corresponding Port pin in CMOS output driver (default). Set Register Bit to 1 = configure corresponding Port pin in Open Drain output driver. Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Port Pin 7 Port Pin 6 Port Pin 5 Port Pin 4 Port Pin 3 Port Pin 2 Port Pin 1 Port Pin 0 Drive Registers – Ports C and F Bit definitions: Set Register Bit to 0 = configure corresponding Port pin as CMOS output driver (default). Set Register Bit to 1 = configure corresponding Port pin in Slew Rate mode. Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Port Pin 7 Port Pin 6 Port Pin 5 Port Pin 4 Port Pin 3 Port Pin 2 Port Pin 1 Port Pin 0 Enable Out Registers – Ports A, B, C and F Bit definitions: Read Only Registers Register Bit <j> = 0 indicates Port pin driver is in tri-state mode (default). Register Bit <j> = 1 indicates Port pin driver is enabled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |