Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-70M Datasheet(PDF) 42 Page - STMicroelectronics

Part # PSD835G2-70M
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70M Datasheet(HTML) 42 Page - STMicroelectronics

Back Button PSD835G2-70M Datasheet HTML 38Page - STMicroelectronics PSD835G2-70M Datasheet HTML 39Page - STMicroelectronics PSD835G2-70M Datasheet HTML 40Page - STMicroelectronics PSD835G2-70M Datasheet HTML 41Page - STMicroelectronics PSD835G2-70M Datasheet HTML 42Page - STMicroelectronics PSD835G2-70M Datasheet HTML 43Page - STMicroelectronics PSD835G2-70M Datasheet HTML 44Page - STMicroelectronics PSD835G2-70M Datasheet HTML 45Page - STMicroelectronics PSD835G2-70M Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 110 page
background image
PSD835G2
PSD8XX Family
41
9.2.2.6 Input Micro
⇔Cells (IMCs)
The CPLD has 24 IMCs, one for each pin on Ports A, B, and C. The architecture of the IMC
is shown in Figure 14. The IMCs are individually configurable, and can be used as a latch,
register, or to pass incoming Port signals prior to driving them onto the PLD input bus. The
outputs of the IMCs can be read by the microcontroller through the internal data bus.
The enable for the latch and clock for the register are driven by a multiplexer whose inputs
are a product term from the CPLD AND array or the MCU address strobe (ALE/AS). Each
product term output is used to latch or clock four IMCs. Port inputs 3-0 can be controlled by
one product term and 7-4 by another.
Configurations for the IMCs are specified by PSDsoft. Outputs of the IMCs can be read by
the MCU via the IMC buffer. See the I/O Port section on how to read the IMCs.
IMCs can use the address strobe to latch address bits higher than A15. Any latched
addresses are routed to the PLDs as inputs.
IMCs are particularly useful with handshaking communication applications where two
processors pass data back and forth through a common mailbox. Figure 15 shows a typical
configuration where the Master MCU writes to the Port A Data Out Register. This, in turn,
can be read by the Slave MCU via the activation of the “Slave-Read” output enable product
term. The Slave can also write to the Port A IMCs and the Master can then read the IMCs
directly. Note that the “Slave-Read” and “Slave-Wr” signals are product terms that are
derived from the Slave MCU inputs RD, WR, and Slave_CS.
The
PSD835G2
Functional
Blocks
(cont.)
OUTPUT
MICRO
⇔CELLS A
AND
MICRO
⇔CELL B
PT
PT
FEEDBACK
PORT
DRIVER
I/O PIN
INTERNAL DATA BUS
DIRECTION
REGISTER
MUX
MUX
ALE/AS
PT
Q
Q
D
D
G
LATCH
INPUT MICRO
⇔CELL
ENABLE (.OE)
D FF
INPUT MICRO
⇔CELL _ RD
Figure 14. Input Micro⇔Cell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com