Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC646SP16JS-55LL Datasheet(PDF) 13 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JS-55LL
Description  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-55LL Datasheet(HTML) 13 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JS-55LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 15Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 16Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
13
Preliminary
Figure 7: Burst Mode WRITE (4-word burst)
Note: Non-default BCR settings for burst mode WRITE (4-word burst): Fixed or variable latency; latency code 2 (3 clocks); WAIT active LOW; WAIT asserted during delay.
The size of a burst can be specified in the BCR either as a fixed length or continuous. Fixed-length bursts consist of four, eight, sixteen,
or thirty-two words. Continuous bursts have the ability to start at a specified address and burst to the end of the row ( 128 or 256 words,
determined by the manufacturer).
The latency count stored in the BCR defines the number of clock cycles that elapse before the initial data value is transferred between
the processor and CellularRAM device. The initial latency for READ operations can be configured as fixed or variable (WRITE
operations always use fixed latency). Variable latency allows the CellarRAM to be configured for minimum latency at high clock
frequencies, but the controller must monitor WAIT to detect any conflict with refresh cycles.
Fixed latency outputs the first data word after the worst-case access delay, including allowance for refresh collisions. The initial latency
time and clock speed determine the latency count setting. Fixed latency is used when the controller cannot monitor WAIT. Fixed latency
also provides improved performance at lower clock frequencies.
The WAIT output asserts when a burst is initiated, and de-asserts to indicate when data is to be transferred into (or out of ) the memory.
WAIT will again be asserted at the boundary of the row, unless wrapping within the burst length.
To access other devices on the same bus without the timing penalty of the initial latency for a new burst, burst mode can be suspended.
Bursts are suspended by stopping CLK. CLK can be stopped HIGH or LOW. If another device will use the data bus while the burst is
suspended, OE# should be taken HIGH to disable the CellularRAM outputs; otherwise, OE# can remain LOW. Note that the WAIT
output will continue to be active, and as a result no other devices should directly share the WAIT connection to the controller. To
continue the burst sequence, OE# is taken LOW, then CLK is restarted after valid data is available on the bus. The CE# LOW time is
limited by refresh considerations. CE# must not stay LOW longer than tCEM. If a burst suspension will cause CE# to remain LOW for
longer than tCEM, CE# should be taken HIGH and the burst restarted with a new CE# LOW / ADV# LOW cycle.
CLK
Latency Code 2(3 clocks)
Don’t Care
WRITE Burst Identified
(WE# = LOW)
A[21:0]
ADV#
WE#
LB#/UB#
WAIT
DQ[15:0]
Address
Valid
D0
D1
D2
D3
CE#
OE#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com