Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC646SP16JS-85L Datasheet(PDF) 16 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JS-85L
Description  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-85L Datasheet(HTML) 16 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JS-85L Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 15Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 16Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-85L Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
16
Preliminary
Low-Power Operation
Standby Mode Operation
During standby, the device current consumption is reduced to the level necessary to perform the DRAM refresh operation. Standby
operation occurs when CE# is HIGH. The device will enter a reduced power state upon completion of a READ or WRITE operation, or
when the address and control inputs remain static for an extended period of time. This mode will continue until a change occurs to the
address or control inputs.
Temperature Compensated Refresh
Temperature compensated refresh (TCR) allows for adequate refresh at different temperatures. This CellularRAM device includes an
on-chip temperature sensor that automatically adjusts the refresh rate according to the operating temperature. The device continually
adjusts the refresh rate to match that temperature.
Partial Array Refresh
Partial array refresh (PAR) restricts refresh operation to a portion of the total memory array. This feature enables the device to reduce
standby current by refreshing only that part of the memory array required by the host system. The refresh options are full array, one-half
array, one-quarter array, one-eighth array, or none of the array. The mapping of these partitions can start at either the beginning or the
end of the address map. (See Table 11) READ and WRITE operations to address ranges receiving refresh will not be affected. Data
stored in addresses not receiving refresh will become corrupted. When re-enabling additional portions of the array, the new portions are
available immediately upon writing to the RCR.
Deep Power-Down Operation
Deep power-down (DPD) operation disables all refresh-related activity. This mode is used if the system does not require the storage
provided by the CellularRAM device. Any stored data will become corrupted when DPD is enabled. When refresh activity has been re-
enabled, the CellularRAM device will require 150
µs to perform an initialization procedure before normal operations can resume. During
this 150
µs period, the current consumption will be higher than the specified standby levels, but considerably lower than the active
current specification. DPD can be enabled by writing to the RCR using CRE or the software access sequence; DPD starts when CE#
goes HIGH. DPD is disabled the next time CE# goes LOW and stays LOW for at least 10
µs.
Registers
Two user-accessible configuration registers define the device operation. The bus configuration register (BCR) defines how the Cellular-
RAM interacts with the system memory bus and is nearly identical to its counterpart on burst mode Flash devices. The refresh
configuration register (RCR) is used to control how refresh is performed on the DRAM array. These registers are automatically loaded
with default settings during power-up, and can be updated any time the devices are operating in a standby state. A DIDR provides
information on the device manufacturer, CellularRAM generation, and the specific device configuration. The DIDR is read-only.
Access Using CRE
The registers can be accessed using either a synchronous or an asynchronous operation when the control register enable (CRE) input
is HIGH. (See Figure 10 through 13) When CRE is LOW, a READ or WRITE operation will access the memory array. The configuration
register values are written via addresses A[21:0]. In an asynchronous WRITE, the values are latched into the configuration register on
the rising edge of ADV#, CE#, or WE#, whichever occurs first; LB# and UB# are “Don’t Care”. The BCR is accessed when A[19:18] are
10b; the RCR is accessed when A[19:18] are 00b. The DIDR is read when A[19:18] are 01b. For reads, address inputs other than
A[19:18] are “Don’t Care”, and register bits 15:0 are output on DQ[15:0]. Immediately after performing a configuration register READ or
WRITE operation, reading the memory array is highly recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com