Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

101C114U063DF2D Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 101C114U063DF2D
Description  Low-ESR, Wide-Temperature Grade
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

101C114U063DF2D Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  101C114U063DF2D Datasheet HTML 1Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 2Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 3Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 4Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 5Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 6Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 7Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 101C –55 °C to 105 °C Low-ESR, Wide-Temperature Grade
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
150000 101C154U040DD2D
5.2
44.0
3 x 4 5/8
63 Vdc (85 Vdc Surge)
170000 101C174U040DE2D
4.6
48.1
3 x 5 1/8
2800
101C282U063AK2B
57.9
4.9
1 3/8 x 1 5/8
190000
101C194U040DF2D
4.2
51.9
3 x 5 5/8
5000
101C502U063AA2B
35.5
7.3
1 3/8 x 2 1/8
210000 101C214U040DP2D
4.0
53.8
3 x 5 7/8
7200
101C722U063AH2B
25.8
9.8
1 3/8 x 2 5/8
280000 101C284U040DN2D
3.4
63.9
3 x 7 5/8
8800
101C882U063BA2B
22.8
12.6
2 x 2 1/8
330000 101C334U040DG2D
3.0
69.9
3 x 8 5/8
8900
101C892U063EA2B
28.0
10.4
1 3/4 x 2 1/8
50 Vdc (75 Vdc Surge)
9400
101C942U063AB2B
20.4
12.0
1 3/8 x 3 1/8
3800
101C382U050AK2B
48.4
5.4
1 3/8 x 1 5/8
12000
101C123U063AJ2B
17.1
14.0
1 3/8 x 3 5/8
7000
101C702U050AA2B
30.8
7.8
1 3/8 x 2 1/8
13000
101C133U063EH2B
20.4
13.2
1 3/4 x 2 5/8
10000
101C103U050AH2B
22.0
10.5
1 3/8 x 2 5/8
14000
101C143U063BH2B
15.4
16.5
2 x 2 5/8
12000
101C123U050EA2B
26.5
10.7
1 3/4 x 2 1/8
14000
101C143U063AC2B
14.8
15.8
1 3/8 x 4 1/8
12000
101C123U050BA2B
20.8
13.2
2 x 2 1/8
16000
101C163U063AD2B
13.2
17.4
1 3/8 x 4 5/8
13000
101C133U050AB2B
17.5
13.0
1 3/8 x 3 1/8
17000
101C173U063EB2B
16.1
15.8
1 3/4 x 3 1/8
16000
101C163U050AJ2B
14.6
15.2
1 3/8 x 3 5/8
18000
101C183U063AE2B
12.0
19.0
1 3/8 x 5 1/8
18000
101C183U050EH2B
19.3
13.6
1 3/4 x 2 5/8
19000
101C193U063BB2B
10.2
21.5
2 x 3 1/8
19000
101C193U050BH2B
14.1
17.2
2 x 2 5/8
20000
101C203U063AF2B
11.0
20.5
1 3/8 x 5 5/8
19000
101C193U050AC2B
13.4
16.6
1 3/8 x 4 1/8
21000
101C213U063EJ2B
13.5
18.2
1 3/4 x 3 5/8
22000
101C223U050AD2B
11.9
18.3
1 3/8 x 4 5/8
23000
101C233U063CH2B
11.3
22.1
2 1/2 x 2 5/8
24000
101C243U050EB2B
15.3
16.2
1 3/4 x 3 1/8
24000
101C243U063BJ2B
9.6
23.4
2 x 3 5/8
25000
101C253U050AE2B
10.8
20.0
1 3/8 x 5 1/8
25000
101C253U063EC2B
11.0
21.1
1 3/4 x 4 1/8
27000
101C273U050BB2B
9.6
22.2
2 x 3 1/8
29000
101C293U063ED2B
10.0
23.0
1 3/4 x 4 5/8
29000
101C293U050EJ2B
12.8
18.6
1 3/4 x 3 5/8
29000
101C293U063BC2B
8.2
26.4
2 x 4 1/8
29000
101C293U050AF2B
10.0
21.5
1 3/8 x 5 5/8
31000
101C313U063CB2B
8.6
26.9
2 1/2 x 3 1/8
32000
101C323U050CH2B
9.6
24.0
2 1/2 x 2 5/8
33000
101C333U063EE2B
9.3
24.8
1 3/4 x 5 1/8
34000
101C343U050BJ2B
8.6
24.6
2 x 3 5/8
34000
101C343U063BD2B
7.2
29.3
2 x 4 5/8
35000
101C353U050EC2B
10.5
21.6
1 3/4 x 4 1/8
37000
101C373U063EF2B
8.8
26.3
1 3/4 x 5 5/8
40000
101C403U050ED2B
9.5
23.6
1 3/4 x 4 5/8
39000
101C393U063BE2B
6.5
32.0
2 x 5 1/8
41000
101C413U050BC2B
7.2
28.2
2 x 4 1/8
40000
101C403U063CJ2D
7.0
31.4
2 1/2 x 3 5/8
44000
101C443U050CB2B
8.2
27.6
2 1/2 x 3 1/8
44000
101C443U063BF2B
5.9
34.6
2 x 5 5/8
46000
101C463U050EE2B
8.8
25.4
1 3/4 x 5 1/8
47000
101C473U063DB2B
9.3
29.0
3 x 3 1/8
48000
101C483U050BD2B
6.3
31.2
2 x 4 5/8
48000
101C483U063CC2D
5.6
36.4
2 1/2 x 4 1/8
52000
101C523U050EF2B
8.4
27.0
1 3/4 x 5 5/8
56000
101C563U063CD2D
5.2
39.5
2 1/2 x 4 5/8
55000
101C553U050CJ2D
6.6
32.2
2 1/2 x 3 5/8
59000
101C593U063DJ2D
7.5
33.8
3 x 3 5/8
55000
101C553U050BE2B
5.7
34.1
2 x 5 1/8
65000
101C653U063CE2D
4.6
43.3
2 1/2 x 5 1/8
62000
101C623U050BF2B
5.2
36.8
2 x 5 5/8
72000
101C723U063DC2D
6.0
39.5
3 x 4 1/8
65000
101C653U050DB2B
8.9
29.5
3 x 3 1/8
73000
101C733U063CF2D
4.2
46.8
2 1/2 x 5 5/8
67000
101C673U050CC2D
5.4
37.3
2 1/2 x 4 1/8
84000
101C843U063DD2D
5.6
42.5
3 x 4 5/8
79000
101C793U050CD2D
4.9
40.5
2 1/2 x 4 5/8
97000
101C973U063DE2D
5.0
46.5
3 x 5 1/8
83000
101C833U050DJ2D
7.3
34.4
3 x 3 5/8
110000
101C114U063DF2D
4.5
50.2
3 x 5 5/8
90000
101C903U050CE2D
4.4
44.3
2 1/2 x 5 1/8
120000 101C124U063DP2D
4.3
52.0
3 x 5 7/8
100000 101C104U050DC2D
5.5
41.1
3 x 4 1/8
160000 101C164U063DN2D
3.6
62.2
3 x 7 5/8
100000
101C104U050CF2D
4.0
47.9
2 1/2 x 5 5/8
180000 101C184U063DG2D
3.2
68.2
3 x 8 5/8
120000 101C124U050DD2D
5.4
43.2
3 x 4 5/8
75 Vdc (100 Vdc Surge)
130000 101C134U050DE2D
4.8
47.2
3 x 5 1/8
2100
101C212U075AK2B
97.3
3.8
1 3/8 x 1 5/8
150000
101C154U050DF2D
4.4
51.0
3 x 5 5/8
3600
101C362U075AA2B
67.2
5.3
1 3/8 x 2 1/8
160000 101C164U050DP2D
4.2
52.9
3 x 5 7/8
5200
101C522U075AH2B
50.0
7.0
1 3/8 x 2 5/8
220000 101C224U050DN2D
3.5
63.0
3 x 7 5/8
6400
101C642U075BA2B
40.7
9.4
2 x 2 1/8
260000 101C264U050DG2D
3.1
69.0
3 x 8 5/8
6500
101C652U075EA2B
47.5
8.0
1 3/4 x 2 1/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com