Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

101C114U063DF2D Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 101C114U063DF2D
Description  Low-ESR, Wide-Temperature Grade
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

101C114U063DF2D Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  101C114U063DF2D Datasheet HTML 1Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 2Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 3Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 4Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 5Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 6Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 7Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 101C –55 °C to 105 °C Low-ESR, Wide-Temperature Grade
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
75 Vdc (100 Vdc Surge)
8900
101C892U100BB2B
21.0
15.0
2 x 3 1/8
6800
101C682U075AB2B
39.3
8.7
1 3/8 x 3 1/8
9600
101C962U100AF2B
23.4
14.1
1 3/8 x 5 5/8
8400
101C842U075AJ2B
32.5
10.1
1 3/8 x 3 5/8
9800
101C982U100EJ2B
25.8
13.2
1 3/4 x 3 5/8
9400
101C942U075EH2B
34.2
10.2
1 3/4 x 2 5/8
11000
101C113U100CH2B
20.7
16.3
2 1/2 x 2 5/8
10000
101C103U075AC2B
27.9
11.5
1 3/8 x 4 1/8
11000
101C113U100BJ2B
19.5
16.4
2 x 3 5/8
10000
101C103U075BH2B
27.4
12.4
2 x 2 5/8
12000
101C123U100EC2B
20.7
15.4
1 3/4 x 4 1/8
12000
101C123U075EB2B
27.0
12.2
1 3/4 x 3 1/8
14000
101C143U100ED2B
18.6
16.9
1 3/4 x 4 5/8
12000
101C123U075AD2B
24.5
12.8
1 3/8 x 4 5/8
14000
101C143U100BC2B
14.8
19.7
2 x 4 1/8
13000
101C133U075AE2B
22.0
14.0
1 3/8 x 5 1/8
15000
101C153U100EE2B
17.0
18.3
1 3/4 x 5 1/8
14000
101C143U075BB2B
18.0
16.2
2 x 3 1/8
15000
101C153U100CB2B
16.5
19.4
2 1/2 x 3 1/8
15000
101C153U075EJ2B
22.4
14.1
1 3/4 x 3 5/8
16000
101C163U100BD2B
14.3
20.8
2 x 4 5/8
15000
101C153U075AF2B
20.0
15.2
1 3/8 x 5 5/8
17000
101C173U100EF2B
15.9
19.6
1 3/4 x 5 5/8
17000
101C173U075CH2B
18.9
17.1
2 1/2 x 2 5/8
18000
101C183U100BE2B
12.7
22.9
2 x 5 1/8
17000
101C173U075BJ2B
16.8
17.7
2 x 3 5/8
19000
101C193U100CJ2B
13.3
22.7
2 1/2 x 3 5/8
18000
101C183U075EC2B
18.0
16.5
1 3/4 x 4 1/8
21000
101C213U100BF2B
11.4
24.9
2 x 5 5/8
21000
101C213U075ED2B
16.2
18.1
1 3/4 x 4 5/8
22000
101C223U100DB2B
13.8
23.8
3 x 3 1/8
21000
101C213U075BC2B
12.7
21.2
2 x 4 1/8
22000
101C223U100CC2B
10.0
27.4
2 1/2 x 4 1/8
23000
101C233U075CB2B
14.3
20.8
2 1/2 x 3 1/8
26000
101C263U100CD2B
9.7
28.9
2 1/2 x 4 5/8
24000
101C243U075EE2B
14.8
19.6
1 3/4 x 5 1/8
28000
101C283U100DJ2B
11.2
27.7
3 x 3 5/8
25000
101C253U075BD2B
12.3
22.4
2 x 4 5/8
30000
101C303U100CE2D
8.6
31.7
2 1/2 x 5 1/8
27000
101C273U075EF2B
13.9
20.9
1 3/4 x 5 5/8
34000
101C343U100DC2D
8.5
33.2
3 x 4 1/8
28000
101C283U075BE2B
11.0
24.6
2 x 5 1/8
34000
101C343U100CF2D
7.7
34.5
2 1/2 x 5 5/8
29000
101C293U075CJ2B
11.5
24.4
2 1/2 x 3 5/8
39000
101C393U100DD2D
7.9
35.7
3 x 4 5/8
32000
101C323U075BF2B
9.9
26.7
2 x 5 5/8
45000
101C453U100DE2D
6.5
40.5
3 x 5 1/8
34000
101C343U075DB2B
13.3
24.2
3 x 3 1/8
51000
101C513U100DF2D
6.0
43.5
3 x 5 5/8
35000
101C353U075CC2B
8.7
29.4
2 1/2 x 4 1/8
54000
101C543U100DP2D
6.0
44.1
3 x 5 7/8
41000
101C413U075CD2D
8.4
30.9
2 1/2 x 4 5/8
74000
101C743U100DN2D
4.8
54.0
3 x 7 5/8
43000
101C433U075DJ2B
10.8
28.2
3 x 3 5/8
85000
101C853U100DG2D
4.2
59.2
3 x 8 5/8
47000
101C473U075CE2D
7.5
34.0
2 1/2 x 5 1/8
150 Vdc (200 Vdc Surge)
52000
101C523U075DC2D
7.6
35.0
3 x 4 1/8
490
101C491U150AK2B
433.0
2.1
1 3/8 x 1 5/8
53000
101C533U075CF2D
6.7
36.9
2 1/2 x 5 5/8
880
101C881U150AA2B
241.0
3.1
1 3/8 x 2 1/8
61000
101C613U075DD2D
7.9
35.7
3 x 4 5/8
1200
101C122U150EA2B
199.0
3.9
1 3/4 x 2 1/8
70000
101C703U075DE2D
6.1
42.0
3 x 5 1/8
1300
101C132U150AH2B
163.0
4.0
1 3/8 x 2 5/8
79000
101C793U075DF2D
6.0
43.5
3 x 5 5/8
1500
101C152U150BA2B
159.0
4.8
2 x 2 1/8
83000
101C833U075DP2D
5.7
45.1
3 x 5 7/8
1700
101C172U150AB2B
125.0
4.9
1 3/8 x 3 1/8
110000 101C114U075DN2D
4.7
54.7
3 x 7 5/8
1800
101C182U150EH2B
133.0
5.2
1 3/4 x 2 5/8
130000 101C134U075DG2D
4.1
60.3
3 x 8 5/8
1900
101C192U150AJ2B
112.0
5.5
1 3/8 x 3 5/8
100 Vdc (150 Vdc Surge)
2300
101C232U150BH2B
104.0
6.3
2 x 2 5/8
1300
101C132U100AK2B
116.0
3.5
1 3/8 x 1 5/8
2500
101C252U150EB2B
95.5
6.5
1 3/4 x 3 1/8
2300
101C232U100AA2B
79.9
4.9
1 3/8 x 2 1/8
2500
101C252U150AC2B
84.9
6.6
1 3/8 x 4 1/8
3400
101C342U100AH2B
59.4
6.4
1 3/8 x 2 5/8
2700
101C272U150AD2B
80.1
7.1
1 3/8 x 4 5/8
4100
101C412U100BA2B
47.6
8.7
2 x 2 1/8
3100
101C312U150AE2B
74.0
7.6
1 3/8 x 5 1/8
4200
101C422U100EA2B
55.0
7.4
1 3/4 x 2 1/8
3200
101C322U150EJ2B
74.6
7.7
1 3/4 x 3 5/8
4400
101C442U100AB2B
46.6
8.0
1 3/8 x 3 1/8
3400
101C342U150BB2B
54.6
9.3
2 x 3 1/8
5400
101C542U100AJ2B
38.5
9.3
1 3/8 x 3 5/8
3600
101C362U150AF2B
66.3
8.4
1 3/8 x 5 5/8
6100
101C612U100EH2B
39.6
9.5
1 3/4 x 2 5/8
3800
101C382U150CH2B
62.8
9.4
2 1/2 x 2 5/8
6500
101C652U100AC2B
32.9
10.6
1 3/8 x 4 1/8
4000
101C402U150BJ2B
59.7
9.4
2 x 3 5/8
6500
101C652U100BH2B
32.0
11.4
2 x 2 5/8
4400
101C442U150EC2B
54.3
9.5
1 3/4 x 4 1/8
7500
101C752U100AD2B
28.9
11.8
1 3/8 x 4 5/8
4500
101C452U150ED2B
53.1
10.0
1 3/4 x 4 5/8
7900
101C792U100EB2B
31.1
11.4
1 3/4 x 3 1/8
5200
101C522U150EE2B
45.9
11.1
1 3/4 x 5 1/8
8500
101C852U100AE2B
25.8
12.9
1 3/8 x 5 1/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com