Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

101C114U063DF2D Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 101C114U063DF2D
Description  Low-ESR, Wide-Temperature Grade
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

101C114U063DF2D Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  101C114U063DF2D Datasheet HTML 1Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 2Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 3Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 4Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 5Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 6Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 7Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 8 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 101C –55 °C to 105 °C Low-ESR, Wide-Temperature Grade
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
5200
101C522U150CB2B
45.9
11.6
2 1/2 x 3 1/8
8300
101C832T200CE2B
24.0
19.0
2 1/2 x 5 1/8
5200
101C522U150BC2B
45.0
11.3
2 x 4 1/8
9300
101C932T200DC2B
21.4
20.9
3 x 4 1/8
5700
101C572U150BD2B
41.9
12.2
2 x 4 5/8
10000
101C103T200CF2B
21.2
20.8
2 1/2 x 5 5/8
5800
101C582U150EF2B
41.2
12.2
1 3/4 x 5 5/8
11000
101C113T200DD2B
20.5
22.1
3 x 4 5/8
6600
101C662U150BE2B
36.2
13.6
2 x 5 1/8
13000
101C133T200DB2B
17.8
20.9
3 x 3 1/8
6600
101C662U150CJ2B
36.2
13.8
2 1/2 x 3 5/8
13000
101C133T200DE2B
17.8
24.5
3 x 5 1/8
7800
101C782U150DB2B
35.7
14.8
3 x 3 1/8
14000
101C143T200DF2B
16.9
25.9
3 x 5 5/8
7900
101C792U150BF2B
30.2
15.3
2 x 5 5/8
15000
101C153T200DP2B
15.9
27.1
3 x 5 7/8
8500
101C852U150CC2B
28.1
16.3
2 1/2 x 4 1/8
20000
101C203T200DN2D
12.5
33.9
3 x 7 5/8
9400
101C942U150CD2B
25.4
17.8
2 1/2 x 4 5/8
23000
101C233T200DG2D
10.4
37.8
3 x 8 5/8
9900
101C992U150DJ2B
28.1
17.5
3 x 3 5/8
250 Vdc (350 Vdc Surge)
11000
101C113U150CE2B
21.7
19.9
2 1/2 x 5 1/8
290
101C291T250AK2B
549.0
1.8
1 3/8 x 1 5/8
12000
101C123U150DC2B
23.2
20.1
3 x 4 1/8
530
101C531T250AA2B
300.0
2.7
1 3/8 x 2 1/8
13000
101C133U150CF2B
18.4
22.3
2 1/2 x 5 5/8
700
101C701T250EA2B
227.0
3.7
1 3/4 x 2 1/8
14000
101C143U150DD2B
19.9
22.5
3 x 4 5/8
760
101C761T250AH2B
209.0
3.5
1 3/8 x 2 5/8
16000
101C163U150DE2B
17.4
24.8
3 x 5 1/8
890
101C891T250BA2B
164.0
4.7
2 x 2 1/8
18000
101C183U150DF2B
15.5
27.1
3 x 5 5/8
990
101C991T250AB2B
161.0
4.3
1 3/8 x 3 1/8
19000
101C193U150DP2B
14.7
28.2
3 x 5 7/8
1100
101C112T250EH2B
145.0
5.0
1 3/4 x 2 5/8
26000
101C263U150DN2D
11.3
35.7
3 x 7 5/8
1200
101C122T250AJ2B
133.0
5.0
1 3/8 x 3 5/8
30000
101C303U150DG2D
9.3
40.0
3 x 8 5/8
1400
101C142T250BH2B
104.0
6.3
2 x 2 5/8
200 Vdc (275 Vdc Surge)
1500
101C152T250AC2B
106.0
5.9
1 3/8 x 4 1/8
380
101C381T200AK2B
454.0
2.0
1 3/8 x 1 5/8
1500
101C152T250EB2B
106.0
6.2
1 3/4 x 3 1/8
680
101C681T200AA2B
254.0
3.0
1 3/8 x 2 1/8
1700
101C172T250AD2B
101.0
6.3
1 3/8 x 4 5/8
890
101C891T200EA2B
224.0
3.7
1 3/4 x 2 1/8
1900
101C192T250AE2B
90.7
6.9
1 3/8 x 5 1/8
980
101C981T200AH2B
176.0
3.9
1 3/8 x 2 5/8
1900
101C192T250EJ2B
83.8
7.3
1 3/4 x 3 5/8
1100
101C112T200BA2B
181.0
4.5
2 x 2 1/8
1900
101C192T250BB2B
69.8
8.2
2 x 3 1/8
1300
101C132T200AB2B
133.0
4.8
1 3/8 x 3 1/8
2200
101C222T250AF2B
84.4
7.4
1 3/8 x 5 5/8
1400
101C142T200EH2B
142.0
5.0
1 3/4 x 2 5/8
2300
101C232T250CH2B
75.0
8.6
2 1/2 x 2 5/8
1600
101C162T200AJ2B
108.0
5.6
1 3/8 x 3 5/8
2300
101C232T250EC2B
69.2
8.4
1 3/4 x 4 1/8
1800
101C182T200BH2B
111.0
6.1
2 x 2 5/8
2400
101C242T250BJ2B
58.0
9.5
2 x 3 5/8
1900
101C192T200EB2B
105.0
6.2
1 3/4 x 3 1/8
2700
101C272T250ED2B
58.9
9.5
1 3/4 x 4 5/8
1900
101C192T200AC2B
88.9
6.4
1 3/8 x 4 1/8
2900
101C292T250BC2B
50.3
10.7
2 x 4 1/8
2200
101C222T200AD2B
90.4
6.7
1 3/8 x 4 5/8
3100
101C312T250CB2B
55.6
10.6
2 1/2 x 3 1/8
2400
101C242T200EJ2B
82.9
7.3
1 3/4 x 3 5/8
3100
101C312T250EE2B
51.3
10.5
1 3/4 x 5 1/8
2400
101C242T200BB2B
82.9
7.5
2 x 3 1/8
3400
101C342T250BD2B
45.6
11.7
2 x 4 5/8
2500
101C252T200AE2B
79.6
7.4
1 3/8 x 5 1/8
3500
101C352T250EF2B
45.5
11.6
1 3/4 x 5 5/8
2800
101C282T200AF2B
71.0
8.1
1 3/8 x 5 5/8
3900
101C392T250BE2B
42.0
12.6
2 x 5 1/8
3100
101C312T200BJ2B
64.2
9.0
2 x 3 5/8
4000
101C402T250CJ2B
43.1
12.6
2 1/2 x 3 5/8
3400
101C342T200EC2B
58.5
9.1
1 3/4 x 4 1/8
4500
101C452T250BF2B
38.3
13.6
2 x 5 5/8
3500
101C352T200ED2B
56.8
9.7
1 3/4 x 4 5/8
4700
101C472T250DB2B
42.3
13.6
3 x 3 1/8
4000
101C402T200EE2B
49.7
10.7
1 3/4 x 5 1/8
5100
101C512T250CC2B
30.6
15.6
2 1/2 x 4 1/8
4000
101C402T200CB2B
49.7
11.2
2 1/2 x 3 1/8
5700
101C572T250CD2B
28.9
16.7
2 1/2 x 4 5/8
4000
101C402T200BC2B
43.1
11.5
2 x 4 1/8
5900
101C592T250DJ2B
33.7
16.0
3 x 3 5/8
4400
101C442T200BD2B
45.2
11.7
2 x 4 5/8
6500
101C652T250CE2B
26.6
18.0
2 1/2 x 5 1/8
4500
101C452T200EF2B
44.2
11.7
1 3/4 x 5 5/8
7200
101C722T250DC2B
27.6
18.4
3 x 4 1/8
5000
101C502T200BE2B
39.8
12.9
2 x 5 1/8
7700
101C772T250CF2B
24.1
19.5
2 1/2 x 5 5/8
5100
101C512T200CJ2B
39.0
13.3
2 1/2 x 3 5/8
8500
101C852T250DD2B
23.4
20.7
3 x 4 5/8
6100
101C612T200BF2B
32.6
14.7
2 x 5 5/8
9700
101C972T250DE2B
20.5
22.8
3 x 5 1/8
6500
101C652T200CC2B
26.3
16.9
2 1/2 x 4 1/8
11000
101C113T250DF2B
18.1
25.0
3 x 5 5/8
7200
101C722T200CD2B
27.6
17.1
2 1/2 x 4 5/8
12000
101C123T250DP2B
16.6
26.5
3 x 5 7/8
7600
101C762T200DJ2B
29.7
17.0
3 x 3 5/8
16000
101C163T250DN2D
13.4
32.8
3 x 7 5/8
18000
101C183T250DG2D
11.1
36.7
3 x 8 5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com