Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V54C3128804VBGA Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # V54C3128804VBGA
Description  128Mbit SDRAM 3.3 VOLT, BGA PACKAGE
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C3128804VBGA Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  V54C3128804VBGA Datasheet HTML 1Page - Mosel Vitelic, Corp V54C3128804VBGA Datasheet HTML 2Page - Mosel Vitelic, Corp V54C3128804VBGA Datasheet HTML 3Page - Mosel Vitelic, Corp V54C3128804VBGA Datasheet HTML 4Page - Mosel Vitelic, Corp V54C3128804VBGA Datasheet HTML 5Page - Mosel Vitelic, Corp V54C3128804VBGA Datasheet HTML 6Page - Mosel Vitelic, Corp V54C3128804VBGA Datasheet HTML 7Page - Mosel Vitelic, Corp V54C3128804VBGA Datasheet HTML 8Page - Mosel Vitelic, Corp V54C3128804VBGA Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
2
V54C3128(16/80/40)4V(BGA) Rev. 1.2 September 2001
MOSEL VITELIC
V54C3128(16/80/40)4V(BGA)
C = CMOS PROCESS
SYCHRONOUS
DRAM FAMILY
DEVICE
NUMBER
8Mbit x 16: 128164
16Mbit x 8: 128804
32Mbit x 4: 128404
MOSEL-VITELIC
MANUFACTURED
SPEED
V54
C
3
B
3.3V, LVTTL, INTERFACE
SPECIAL FEATURE
128404
6 ns
7 ns
8 ns
PKG.
B = WBGA
V = LVTTL
COMPONENT REV. LEVEL
V
60 Pin WBGA PIN CONFIGURATION
Top View
Description
Pkg.
Pin Count
WBGA
B
60
987
3
A
B
C
D
E
F
G
H
J
K
L
M
21
987
x16
321
VCCQ
DQ0
VCC
A
VSS
DQ15
VSSQ
DQ1
VSSQ
DQ2
B
DQ13
VCCQ
DQ14
DQ3
VCCQ
DQ4
C
DQ11
VSSQ
DQ12
DQ5
VSSQ
DQ6
D
DQ9
VCCQ
DQ10
DQ7
NC
NC
E
NC
NC
DQ8
NC
VCC
LDQM
F
UDQM
VSS
Vref
CAS
WE
G
NC
CLK
CS
RAS
H
CKE
A12
BA0
BA1
J
A9
A11
A10/AP
A0
K
A7
A8
A1
A2
L
A5
A6
A3
VCC
M
VSS
A4
987
x8
32
1
VCCQ
DQ1
VCC
A
VSS
DQ7
VSSQ
NC
VSSQ
DQ1
B
DQ6
VCCQ
NC
NC
VCCQ
DQ2
C
DQ5
VSSQ
NC
NC
VSSQ
DQ3
D
DQ4
VCCQ
NC
NC
NC
NC
E
NC
NC
NC
NC
VCC
NC
F
DQM
VSS
Vref
CAS
WE
G
NC
CLK
CS
RAS
H
CKE
A12
BA0
BA1
J
A9
A11
A10/AP
A0
K
A7
A8
A1
A2
L
A5
A6
A3
VCC
M
VSS
A4
98
7
x4
321
VCCQ
NC
VCC
A
VSS
NC
VSSQ
NC
VSSQ
DQ0
B
DQ3
VCCQ
NC
NC
VCCQ
NC
C
NC
VSSQ
NC
NC
VSSQ
DQ1
D
DQ2
VCCQ
NC
NC
NC
NC
E
NC
NC
NC
NC
VCC
NC
F
DQM
VSS
Vref
CAS
WE
G
NC
CLK
CS
RAS
H
CKE
A12
BA0
BA1
J
A9
A11
A10/AP
A0
K
A7
A8
A1
A2
L
A5
A6
A3
VCC
M
VSS
A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com