Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TA0313 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TA0313
Description  STMicroelectronics Solutions for ADSL Line Interfaces
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0313 Datasheet(HTML) 6 Page - STMicroelectronics

  TA0313 Datasheet HTML 1Page - STMicroelectronics TA0313 Datasheet HTML 2Page - STMicroelectronics TA0313 Datasheet HTML 3Page - STMicroelectronics TA0313 Datasheet HTML 4Page - STMicroelectronics TA0313 Datasheet HTML 5Page - STMicroelectronics TA0313 Datasheet HTML 6Page - STMicroelectronics TA0313 Datasheet HTML 7Page - STMicroelectronics TA0313 Datasheet HTML 8Page - STMicroelectronics TA0313 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
TA0313
STMicroelectronics Solutions for ADSL Line Interfaces
Increasing the line level by using an active impedance matching
With passive matching, the output signal amplitude of the driver must be twice the amplitude on the load.
To go beyond this limitation an active matching impedance can be used. With this technique it is possible
to maintain good impedance matching with an amplitude on the load higher than half of the output driver
amplitude. This concept is shown in Figure 7 for a differential line.
Component calculation
Let us consider the equivalent circuit for a single-ended configuration, as shown in Figure 8.
For unloaded system, we can assume that currents through R1, R2 and R3 are respectively:
Figure 7: TS613 as a differential line driver with an active impedance matching
Figure 8: Single ended equivalent circuit
½R1
R4
R2
_
+
_
+
Vi
Vi
Vo
Vo
3
2
6
5
1
7
4
GND
8
+12V
25
100
Ω
1:2
Hybrid
&
Transformer
GND
+12V
3k9
3k9
10µ
100n
100n
100n
1k
1k
Rs1
10n
1µ
_
+
_
+
Vi
Vi
Vo
Vo
3
2
6
5
1
7
4
GND
8
+12V
25
Ω
1:2
Hybrid
&
Transformer
GND
+12V
3k9
3k9
10µ
100n
100n
100n
1k
1k
10n
1µ
Rs2
R5
R3
½R1
Vo°
Vo°
½R1
R4
R2
_
+
_
+
Vi
Vi
Vo
Vo
3
2
6
5
1
7
4
GND
8
+12V
25
100
Ω
1:2
Hybrid
&
Transformer
GND
+12V
3k9
3k9
10µ
100n
100n
100n
1k
1k
Rs1
10n
1µ
_
+
_
+
Vi
Vi
Vo
Vo
3
2
6
5
1
7
4
GND
8
+12V
25
Ω
1:2
Hybrid
&
Transformer
GND
+12V
3k9
3k9
10µ
100n
100n
100n
1k
1k
10n
1µ
Rs2
R5
R3
½R1
Vo°
Vo°
1/2
R1
R2
R3
+
_
Vi
Vo
Rs1
-1
Vo°
1/2
RL
2Vi
R1
---------
Vi
Vo
°
–
()
R 2
--------------------------- and
Vi
Vo
+
()
R 3
------------------------
,



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com