Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TA0313 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TA0313
Description  STMicroelectronics Solutions for ADSL Line Interfaces
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0313 Datasheet(HTML) 1 Page - STMicroelectronics

  TA0313 Datasheet HTML 1Page - STMicroelectronics TA0313 Datasheet HTML 2Page - STMicroelectronics TA0313 Datasheet HTML 3Page - STMicroelectronics TA0313 Datasheet HTML 4Page - STMicroelectronics TA0313 Datasheet HTML 5Page - STMicroelectronics TA0313 Datasheet HTML 6Page - STMicroelectronics TA0313 Datasheet HTML 7Page - STMicroelectronics TA0313 Datasheet HTML 8Page - STMicroelectronics TA0313 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TA0313/1104
1/9
New IGBT Driver
This paper describes STMicroelectronics ADSL analog line interface solutions.
After a short overview of the ADSL application environment, this article focuses on the implementation of
line drivers. Magnetic circuits such as hybrid or line transformer circuits will not be described in detail.
The ADSL concept
Asymmetric Digital Subscriber Line (ADSL) is a modem technology, which converts existing twisted-pair
telephone lines into access paths for multimedia and high speed data communications.
An ADSL modem is connected to a twisted-pair telephone line, creating three information channels: a
high-speed downstream channel (up to 1.1MHz and 2.2MHz for ADSL2+) depending on the
implementation of the ADSL architecture, a medium-speed upstream channel (up to 135kHz or 230kHz)
and a POTS (Plain Old Telephone Service), split off from the modem by filters.
ADSL allows the wide-band access necessary to transmit media such as movies, television, remote CD-
ROMs via LANs and the Internet into individual workplaces and homes.
Figure 1: Typical spectral representation of a DMT ADSL signal (subscriber side)
135kHz
30kHz
POTS
1.1MHz
Upstream
Downstream
DMT sub-channel
(Discrete Multi-Tone)
160kHz
4.5kHz
STMicroelectronics Solutions for
ADSL Line Interfaces
TA0313
Technical Article


Similar Part No. - TA0313

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0313A TAI-SAW-TA0313A Datasheet
426Kb / 5P
SAW Filter 465MHz SMD 5.0횞5.0mm
logo
Golledge Electronics Lt...
TA0313A GOLLEDGE-TA0313A Datasheet
119Kb / 4P
RF SAW Filter 465MHz
More results

Similar Description - TA0313

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1030 ETC-XE1030 Datasheet
26Kb / 8P
Single In-Line Telephone Line Interfaces for Europe
logo
Pulse A Technitrol Comp...
BX2483W PULSE-BX2483W Datasheet
60Kb / 1P
ADSL LINE TRANSFORMERS For Broadcom ADSL CPE Chipsets
BX2932LNL PULSE-BX2932LNL Datasheet
85Kb / 1P
ADSL LINE TRANSFORMERS For Infineon ADSL CPE Chipsets
logo
XFMRS Inc.
XFADSL60S XFMRS-XFADSL60S Datasheet
77Kb / 1P
ADSL Line
XFADSL60S XFMRS-XFADSL60S Datasheet
77Kb / 1P
ADSL Line
logo
STMicroelectronics
AN1281 STMICROELECTRONICS-AN1281 Datasheet
47Kb / 3P
TS613 AS DRIVER FOR ADSL LINE INTERFACES
Jun-2000
TN0107 STMICROELECTRONICS-TN0107 Datasheet
710Kb / 15P
Mounting instructions for STMicroelectronics
21-Jul-2014
logo
XFMRS Inc.
XFADSL60S XFMRS-XFADSL60S_15 Datasheet
77Kb / 1P
ADSL LINE
logo
Semtech Corporation
RCLAMP1224S SEMTECH-RCLAMP1224S Datasheet
158Kb / 6P
Low Capacitance TVS for ADSL Interfaces
logo
Shanghai Leiditech Elec...
LC2574N LEIDITECH-LC2574N Datasheet
859Kb / 4P
4-Line TVS for Ethernet Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com