Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T405-600H Datasheet(PDF) 6 Page - STMicroelectronics

Part # T405-600H
Description  4A TRIACS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T405-600H Datasheet(HTML) 6 Page - STMicroelectronics

Back Button T405-600H Datasheet HTML 2Page - STMicroelectronics T405-600H Datasheet HTML 3Page - STMicroelectronics T405-600H Datasheet HTML 4Page - STMicroelectronics T405-600H Datasheet HTML 5Page - STMicroelectronics T405-600H Datasheet HTML 6Page - STMicroelectronics T405-600H Datasheet HTML 7Page - STMicroelectronics T405-600H Datasheet HTML 8Page - STMicroelectronics T405-600H Datasheet HTML 9Page - STMicroelectronics T405-600H Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
T4 Series
6/10
Figure 12: Ordering Information Scheme
Table 7: Product Selector
Part Number
Voltage (xxx)
Sensitivity
Type
Package
600 V
700 V
800 V
T405-xxxB
X
X
X
5 mA
Logic level
DPAK
T405-xxxH
X
X
X
5 mA
Logic level
IPAK
T405-xxxT
X
X
X
5 mA
Logic level
TO-220AB
T405-xxxW
X
X
X
5 mA
Logic level
ISOWATT220AB
T410-xxxB
X
X
X
10 mA
Logic level
DPAK
T410-xxxH
X
X
X
10 mA
Logic Level
IPAK
T410-xxxT
X
X
X
10 mA
Logic Level
TO-220AB
T410-xxxW
X
X
X
10 mA
Logic Level
ISOWATT220AB
T435-xxxB
X
X
X
35 mA
Snubberless
DPAK
T435-xxxH
X
X
X
35 mA
Snubberless
IPAK
T435-xxxT
X
X
X
35 mA
Snubberless
TO-220AB
T435-xxxW
X
X
X
35 mA
Snubberless ISOWATT220AB
T 4 05 - 600 B (-TR)
Triac series
Current
Sensitivity
Voltage
Package
Packing mode
4 = 4A
05 = 5mA
10 = 10mA
35 = 35mA
600 = 600V
700 = 700V
800 = 800V
B = DPAK
H = IPAK
T = TO-220AB
W = ISOWATT220AB
Blank = Tube
-TR = Tape & reel



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com