Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T405-600H Datasheet(PDF) 5 Page - STMicroelectronics

Part # T405-600H
Description  4A TRIACS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T405-600H Datasheet(HTML) 5 Page - STMicroelectronics

  T405-600H Datasheet HTML 1Page - STMicroelectronics T405-600H Datasheet HTML 2Page - STMicroelectronics T405-600H Datasheet HTML 3Page - STMicroelectronics T405-600H Datasheet HTML 4Page - STMicroelectronics T405-600H Datasheet HTML 5Page - STMicroelectronics T405-600H Datasheet HTML 6Page - STMicroelectronics T405-600H Datasheet HTML 7Page - STMicroelectronics T405-600H Datasheet HTML 8Page - STMicroelectronics T405-600H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
T4 Series
5/10
Figure 7: Non-repetitive surge peak on-state
current for a sinusoidal pulse with width tp < 10 ms
and corresponding value of I2t
Figure 8: Relative variation of gate trigger
current, holding current and latching current
versus junction temperature (typical values)
Figure 9: Relative variation of critical rate of
decrease of main current versus (dV/dt)c
(typical values)
Figure 10: Relative variation of critical rate of
decrease of main current versus junction
temperature
Figure 11: DPAK thermal resistance junction to
ambient versus copper surface under tab (printed
circuit board FR4, copper thickness: 35 µm)
0.01
0.10
1.00
10.00
1
10
100
500
I
(A), I t (A s)
TSM
22
t (ms)
p
T initial=25°C
j
ITSM
dI/dt limitation:
50A/µs
I t
2
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
T (°C)
j
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH & IL
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
T405
T435
T410
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [T ] /
pecified]
j
(dI/dt)c [T s
j
T (°C)
j
0
4
8
1216202428323640
0
10
20
30
40
50
60
70
80
90
100
S(cm²)
R
(°C/W)
th(j-a)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com