Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V54C365164VC Datasheet(PDF) 13 Page - Mosel Vitelic, Corp

Part # V54C365164VC
Description  HIGH PERFORMANCE 166/143/125 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C365164VC Datasheet(HTML) 13 Page - Mosel Vitelic, Corp

Back Button V54C365164VC Datasheet HTML 9Page - Mosel Vitelic, Corp V54C365164VC Datasheet HTML 10Page - Mosel Vitelic, Corp V54C365164VC Datasheet HTML 11Page - Mosel Vitelic, Corp V54C365164VC Datasheet HTML 12Page - Mosel Vitelic, Corp V54C365164VC Datasheet HTML 13Page - Mosel Vitelic, Corp V54C365164VC Datasheet HTML 14Page - Mosel Vitelic, Corp V54C365164VC Datasheet HTML 15Page - Mosel Vitelic, Corp V54C365164VC Datasheet HTML 16Page - Mosel Vitelic, Corp V54C365164VC Datasheet HTML 17Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
13
V54C365164VC Rev. 0.8 July 2001
MOSEL VITELIC
V54C365164VC
Frequency vs. AC Parameter Relationship Table
-6 / -7 / -8PC
Read Cycle
21
tOH
Data Out Hold Time
2.5
–
2.7
–
3
–
ns
2
22
tLZ
Data Out to Low Impedance Time
1
–
1
–
0
–
ns
23
tHZ
Data Out to High Impedance Time
–
5.4
–
5.4
3
8
ns
7
24
tDQZ
DQM Data Out Disable Latency
–
2
–
2
–
2
CLK
Write Cycle
25
tWR
Write Recovery Time
1
–
1
–
1
–
CLK
26
tDQW
DQM Write Mask Latency
0
1
0
–
0
–
CLK
Frequency
CAS
Latency
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
Unit
66 MHz (15 ns)
2
64222111
CLK
#
Symbol
Parameter
Limit Values
Unit
Note
-6
-7
-8PC
Min.
Max.
Min.
Max.
Min.
Max.
AC Characteristics (Cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com