Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO35 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO35
Description  ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO35 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO35 Datasheet HTML 3Page - Texas Instruments ISO35 Datasheet HTML 4Page - Texas Instruments ISO35 Datasheet HTML 5Page - Texas Instruments ISO35 Datasheet HTML 6Page - Texas Instruments ISO35 Datasheet HTML 7Page - Texas Instruments ISO35 Datasheet HTML 8Page - Texas Instruments ISO35 Datasheet HTML 9Page - Texas Instruments ISO35 Datasheet HTML 10Page - Texas Instruments ISO35 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Input
Generator
50 W
R
A
B
RE
VI
S1
C =15pF±20%
L
0V
1.5V
C includesfixture
andinstrumentation
capacitance
L
Generator:PRR=500kHz,50%dutycycle,
t <6ns,t <6ns,Z
=50
r
f
O
W
50%
1k
±1%
W
tPZH
tPHZ
3 V
0 V
0V
50%
50%
90%
VCC
VO
VO
VOH
VI
Input
Generator
50 W
R
A
B
RE
VI
S1
C =15pF±20%
L
0V
1.5V
C includesfixture
andinstrumentation
capacitance
L
Generator:PRR=500kHz,50%dutycycle,
t <6ns,t <6ns,Z
=50
r
f
O
W
50%
3 V
0 V
VI
VCC
VOL
tPZL
tPLZ
VO
50%
50%
10%
1k
±1%
W
VO
VCC
100
±1%
W
A
B
R
Note: Thistestisconductedtotestsurvivabilityonly.
DatastabilityattheRoutputisnotspecified.
D
0V
RE
3V
DE
+
-
PulseGenerator
15 sduration
1%dutycycle
t ,t <100ns
m
r
f
ISO15
ISO35
www.ti.com................................................................................................................................................................ SLOS580B – MAY 2008 – REVISED JULY 2008
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 9. Receiver Enable Test Circuit and Waveforms, Data Output High
Figure 10. Receiver Enable Test Circuit and Waveforms, Data Output Low
Figure 11. Transient Over-Voltage Test Circuit
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ISO15 ISO35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com