Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO35 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO35
Description  ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO35 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO35 Datasheet HTML 9Page - Texas Instruments ISO35 Datasheet HTML 10Page - Texas Instruments ISO35 Datasheet HTML 11Page - Texas Instruments ISO35 Datasheet HTML 12Page - Texas Instruments ISO35 Datasheet HTML 13Page - Texas Instruments ISO35 Datasheet HTML 14Page - Texas Instruments ISO35 Datasheet HTML 15Page - Texas Instruments ISO35 Datasheet HTML 16Page - Texas Instruments ISO35 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TYPICAL CHARACTERISTICS CURVES
0
-20
-40
-60
-80
-100
-120
0
1
2
3
4
V
-OutputVoltage-V
O
NoLoad
T =25 C
A
o
0
20
40
60
80
100
120
140
0
1
2
3
4
V
-OutputVoltage-V
O
5
NoLoad
T =25 C
A
o
-60
-40
-20
20
40
0
60
-7
-4
-1
2
5
8
11
14
V
=3.3V
CC
T =25°C
=0V
DE=0
A
V
RE
V -BusInputVoltage-V
I
0
5
10
15
20
25
0
200
400
600
1000
SignalingRate-kbps
800
NoLoad
T =25 C
A
o
ICC2
ICC1
ISO15
ISO35
www.ti.com................................................................................................................................................................ SLOS580B – MAY 2008 – REVISED JULY 2008
LOW-LEVEL OUTPUT CURRENT
HIGH-LEVEL OUTPUT CURRENT
vs
vs
LOW-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
Figure 15.
Figure 16.
RMS SUPPLY CURRENT
BUS INPUT CURRENT
vs
vs
SIGNALING RATE
INPUT VOLTAGE
Figure 17.
Figure 18.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ISO15 ISO35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com