Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD2S1210CSTZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD2S1210CSTZ
Description  Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1210CSTZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD2S1210CSTZ Datasheet HTML 4Page - Analog Devices AD2S1210CSTZ Datasheet HTML 5Page - Analog Devices AD2S1210CSTZ Datasheet HTML 6Page - Analog Devices AD2S1210CSTZ Datasheet HTML 7Page - Analog Devices AD2S1210CSTZ Datasheet HTML 8Page - Analog Devices AD2S1210CSTZ Datasheet HTML 9Page - Analog Devices AD2S1210CSTZ Datasheet HTML 10Page - Analog Devices AD2S1210CSTZ Datasheet HTML 11Page - Analog Devices AD2S1210CSTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD2S1210
Rev. 0 | Page 8 of 36
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
AVDD to AGND, DGND
−0.3 V to +7.0 V
DVDD to AGND, DGND
−0.3 V to +7.0 V
VDRIVE to AGND, DGND
−0.3 V to AVDD
AVDD to DVDD
−0.3 V to +0.3 V
AGND to DGND
−0.3 V to +0.3 V
Analog Input Voltage to AGND
−0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to VDRIVE + 0.3 V
Digital Output Voltage to DGND
−0.3 V to VDRIVE + 0.3 V
Analog Output Voltage Swing
−0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supplies1
±10 mA
Operating Temperature Range (Ambient)
A, B Grades
−40°C to +85°C
C, D Grades
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
θJA Thermal Impedance2
54°C/W
θJA Thermal Impedance2
15°C/W
RoHS-Compliant Temperature, Soldering
Reflow
260(−5/+0)oC
ESD
2 kV HBM
1 Transient currents of up to 100 mA do not cause latch-up.
2 JEDEC 2S2P standard board.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com