Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD2S1210CSTZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD2S1210CSTZ
Description  Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1210CSTZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD2S1210CSTZ Datasheet HTML 18Page - Analog Devices AD2S1210CSTZ Datasheet HTML 19Page - Analog Devices AD2S1210CSTZ Datasheet HTML 20Page - Analog Devices AD2S1210CSTZ Datasheet HTML 21Page - Analog Devices AD2S1210CSTZ Datasheet HTML 22Page - Analog Devices AD2S1210CSTZ Datasheet HTML 23Page - Analog Devices AD2S1210CSTZ Datasheet HTML 24Page - Analog Devices AD2S1210CSTZ Datasheet HTML 25Page - Analog Devices AD2S1210CSTZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD2S1210
Rev. 0 | Page 22 of 36
DOS RESET MAXIMUM AND MINIMUM
THRESHOLD REGISTERS
Table 16. 8-Bit Registers
Address
Bit
Read/Write
0x8B
D7 to D0
Read/write
0x8C
D7 to D0
Read/write
The AD2S1210 continuously stores the minimum and maximum
magnitude of the monitor signal in internal registers. The differ-
ence between the minimum and maximum is calculated to
determine if a DOS mismatch has occurred. The initial values
for the minimum and maximum internal registers must be
defined by the user. When the fault register is cleared, the
registers that store the maximum and minimum amplitudes of
the monitor signal are reset to the values stored in the DOS reset
maximum and minimum threshold registers. The resolution of
the DOS reset maximum and minimum thresholds is seven bits
each, that is, 38 mV. Note that the MSB, D7, should be set to
0.To ensure correct operation, it is recommended that the DOS
reset minimum threshold register be set to at least 1 LSB less
than the DOS overrange threshold, and the DOS reset maximum
threshold register be set to at least 1 LSB greater than the LOS
threshold register. The default value of the DOS reset minimum
threshold register and the DOS reset maximum threshold
register are 3.99 V and 2.28 V, respectively.
LOT HIGH THRESHOLD REGISTER
Table 17. 8-Bit Register
Address
Bit
Read/Write
0x8D
D7 to D0
Read/write
The LOT high threshold register determines the loss of position
tracking threshold for the AD2S1210. The LOT high threshold
is a 7-bit word. Note that the MSB, D7, should be set to 0. The
range of the LOT high threshold, the LSB size, and the default
value of the LOT high threshold on power-up are dependent on
the resolution setting of the AD2S1210, and are outlined in
Table 19.
LOT LOW THRESHOLD REGISTER
Table 18. 8-Bit Register
Address
Bit
Read/Write
0x8E
D7 to D0
Read/write
The LOT low threshold register determines the level of hysteresis
on the loss of position tracking fault detection. Loss of tracking
(LOT) occurs when the internal error signal of the AD2S1210
exceeds the LOT high threshold. LOT has hysteresis and is not
cleared until the internal error signal is less than the value defined
in the LOT low threshold register. The LOT low threshold is a
7-bit word. Note that the MSB, D7, should be set to 0. The range
of the LOT high threshold, the LSB size, and the default value of
the LOT high threshold on power-up are dependent on the resolu-
tion setting of the AD2S1210, and are outlined in Table 19.
Table 19. LOT High/Low Threshold
Resolution
(Bits)
Range
(Degrees)
LSB Size
(Degrees)
LOT Low
Default
(Degrees)
LOT High
Default
(Degrees)
10
0 to 45
0.35
2.5
12.5
12
0 to 18
0.14
1.0
5.0
14
0 to 9
0.09
0.5
2.5
16
0 to 9
0.09
0.5
2.5
EXCITATION FREQUENCY REGISTER
Table 20. 8-Bit Register
Address
Bit
Read/Write
0x91
D7 to D0
Read/write
The excitation frequency register determines the frequency of
the excitation outputs of the AD2S1210. A 7-bit frequency control
word is written to the register to set the excitation frequency.
Note that the MSB, D7, should be set to 0.
(
)
CLKIN
f
Frequency
Excitation
FCW
15
2
×
=
(9)
where FCW is the frequency control word and fCLKIN is the clock
frequency of the AD2S1210. The specified range of the excitation
frequency is from 2 kHz to 20 kHz and can be set in increments
of 250 Hz. To ensure that the AD2S1210 is operated within the
specified frequency range, the frequency control word should
be a value between 0x4 and 0x50.
For example, if the user requires an excitation frequency of 5 kHz
and has an 8.192 MHz clock frequency, the code that needs to
be programmed is given by
(
)
14
MHz
192
.
8
2
kHz
5
15
=
×
=
FCW
(hexadecimal)
The default excitation frequency of the AD2S1210 on power-up
is 10 kHz.
CONTROL REGISTER
Table 21. 8-Bit Register
Address
Bit
Read/Write
0x92
D7 to D0
Read/write
The control register is an 8-bit register that sets the AD2S1210
control modes. The default value of the control register on
power-up is 0x7E.
Table 22. Control Register Bit Descriptions
Bit
Description
D7
Address/data bit
D6
Reserved; set to 1
D5
Phase lock range
0 = 360°, 1 = ±44°
D4
0 = disable hysteresis, 1 = enable hysteresis
D3
Set Encoder Resolution EnRES1
D2
Set Encoder Resolution EnRES0
D1
Set Resolution RES1
D0
Set Resolution RES0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com