Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AHD104M2AB12T Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # AHD104M2AB12T
Description  SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AHD104M2AB12T Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  AHD104M2AB12T Datasheet HTML 1Page - Cornell Dubilier Electronics AHD104M2AB12T Datasheet HTML 2Page - Cornell Dubilier Electronics AHD104M2AB12T Datasheet HTML 3Page - Cornell Dubilier Electronics AHD104M2AB12T Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type AHD
SMT Aluminum Electrolytic Capacitors - Long Life, 105 °C
Part Numbering System
AHD
106
M
16
B
12T
Type
Capacitance
Capacitance
Voltage
Case
Packaging
104 = 0.1 µF
Tolerance
10 = 10 Vdc 50 = 50 Vdc
Code
Information
105 = 1.0 µF
M = ±20%
16 = 16 Vdc 63 = 63 Vdc
12 = Carrier tape
106 = 10.0 µF
25 = 25 Vdc 2A = 100 Vdc
Width (mm)
107 = 100.0 µF
35 = 35 Vdc
T = Tape & Reel
B = bulk
Ratings
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com