| Electronic Components Datasheet Search |
|
AHD104M2AB12T Datasheet(PDF) 3 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
AHD104M2AB12T Datasheet(HTML) 3 Page - Cornell Dubilier Electronics |
|
3 / 4 page ![]() Type AHD SMT Aluminum Electrolytic Capacitors - Long Life, 105 °C Typical Performance Curves 0 0.2 0.4 0.6 0.8 1 1.2 10 100 1,000 10,000 100,000 1,000,000 65 °C 25 °C 85 °C 0 °C –40 °C 45 °C –20 °C 105° 0 0.2 0.4 0.6 0.8 1 1.2 10 100 1,000 10,000 100,000 1,000,000 65 °C 25 °C 85 °C 0 °C –40 °C 45 °C –20 °C 105° 0.01 0.1 1 10 100 10 100 1,000 10,000 100,000 1,000,000 –40 °C 0 °C 25 °C 65 °C 85 °C 45 °C –20 °C 105 °C Capacitance vs. Temperature & Frequency 330 µF @ 10 Vdc (10 X 10.2 mm) 330 µF @ 10 Vdc (10 X 10.2 mm) Impedance vs. Temperature & Frequency Frequency (Hz) Frequency (Hz) 0.1 1 10 10 0 10 10 0 1,000 10 ,00 0 10 0,0 00 1,000 ,00 0 –4 0 °C –2 0 °C 0 °C 25 °C 45 °C 85 °C 65 °C 10 5 ° 330 µF @ 10 Vdc (10 X 10.2 mm) ESR vs. Temperature & Frequency Frequency (Hz) 0.0 1 0.1 1 10 10 0 10 10 0 1,0 00 10 ,000 10 0,00 0 1,0 00,0 00 –4 0 °C –2 0 °C 0 °C 25 °C 45 °C 85 °C 65 °C 10 5 °C 0.001 0.01 0.1 1 10 100 10 100 1,000 10,000 100,000 1,000,000 –40 °C 0 °C 25 °C 65 °C 85 °C 45 °C –20 °C 105 ° Capacitance vs. Temperature & Frequency ESR vs. Temperature & Frequency Impedance vs. Temperature & Frequency 10 µF @ 16 Vdc (4 X 5.8 mm) 10 µF @ 16 Vdc (4 X 5.8 mm) 10 µF @ 16 Vdc (4 X 5.8 mm) Frequency (Hz) Frequency (Hz) Frequency (Hz) CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |