Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM9263-CU Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT91SAM9263-CU
Description  Thumb Microcontrollers
PDF  1029 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9263-CU Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT91SAM9263-CU Datasheet HTML 9Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 10Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 11Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 12Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 13Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 14Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 15Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 16Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 1029 page
background image
13
6249B–ATARM–14-Dec-06
AT91SAM9263 Preliminary
• VDDPLL pin: Powers the PLL cells; voltage ranges from 3.0V to 3.6V, 3.3V nominal.
• VDDOSC pin: Powers the Main Oscillator cells; voltage ranges from 3.0V to 3.6V, L3.3V
nominal.
The power supplies VDDIOM0, VDDIOM1 and VDDIOP0, VDDIOP1 are identified in the pinout
table and the multiplexing tables. These supplies enable the user to power the device differently
for interfacing with memories and for interfacing with peripherals.
Ground pins GND are common to VDDOSC, VDDCORE, VDDIOM0, VDDIOM1, VDDIOP0 and
VDDIOP1 pins power supplies. Separated ground pins are provided for VDDBU and VDDPLL.
These ground pins are respectively GNDBU and GNDPLL.
5.2
Power Consumption
The AT91SAM9263 consumes about 700 µA of static current on VDDCORE at 25°C. This static
current rises at up to 7 mA if the temperature increases to 85°C.
On VDDBU, the current does not exceed 3 µA @25°C, but can rise at up to 20 µA @85°C. A
software-controllable switch to VDDCORE guarantees zero power consumption on the battery
when the system is on.
For dynamic power consumption, the AT91SAM9263 consumes a maximum of 70 mA on
VDDCORE at maximum conditions (1.2V, 25°C, processor running full-performance algorithm).
5.3
Programmable I/O Lines Power Supplies
The power supply pins VDDIOM0 and VDDIOM1 accept two voltage ranges. This allows the
device to reach its maximum speed, either out of 1.8V or 3.0V external memories.
The maximum speed is 100 MHz on the pin SDCK (SDRAM Clock) loaded with 30 pF for power
supply at 1.8V and 50pF for power supply at 3.3V. The other signals (control, address and data
signals) do not go over 50MHz.
The voltage ranges are determined by programming registers in the Chip Configuration registers
located in the Matrix User Interface.
At reset, the selected voltage defaults to 3.3V nominal and power supply pins can accept either
1.8V or 3.3V. However, the device cannot reach its maximum speed if the voltage supplied to
the pins is only 1.8V without reprogramming the EBI0 voltage range. The user must be sure to
program the EBI0 voltage range before getting the device out of its Slow Clock Mode.
6.
I/O Line Considerations
6.1
JTAG Port Pins
TMS, TDI and TCK are Schmitt trigger inputs and have no pull-up resistors.
TDO and RTCK are outputs, driven at up to VDDIOP0, and have no pull-up resistors.
The JTAGSEL pin is used to select the JTAG boundary scan when asserted at a high level
(VDDBU). It integrates a permanent pull-down resistor of about 15 k
Ω to GNDBU, so that it can
be left unconnected for normal operations.
The NTRST signal is described in Section 6.3.
All JTAG signals except JTAGSEL (VDDBU) are supplied with VDDIOP0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com