Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7566 Datasheet(PDF) 36 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 32Page - Analog Devices ADE7566 Datasheet HTML 33Page - Analog Devices ADE7566 Datasheet HTML 34Page - Analog Devices ADE7566 Datasheet HTML 35Page - Analog Devices ADE7566 Datasheet HTML 36Page - Analog Devices ADE7566 Datasheet HTML 37Page - Analog Devices ADE7566 Datasheet HTML 38Page - Analog Devices ADE7566 Datasheet HTML 39Page - Analog Devices ADE7566 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 36 of 148
Table 27. Energy measurement SFRs
SFR
address
(hex)
R/W
Name
Description
0x91
R/W
MADDPT
Energy Measurement Pointer Address
0x92
R/W
MDATL
Energy Measurement Pointer Data LSByte
0x93
R/W
MDATM
Energy Measurement Pointer Data Middle byte
0x94
R/W
MDATH
Energy Measurement Pointer Data MSByte
0xD1
R
VRMSL
Vrms measurement LSByte
0xD2
R
VRMSM
Vrms measurement Middle byte
0xD3
R
VRMSH
Vrms measurement MSByte
0xD4
R
IRMSL
Irms measurement LSByte
0xD5
R
IRMSM
Irms measurement Middle byte
0xD6
R
IRMSH
Irms measurement MSByte
0xD9
R/W
MIRQENL
Energy measurement interrupt enable LSByte
0xDA
R/W
MIRQENM
Energy measurement interrupt enable Middle byte
0xDB
R/W
MIRQENH
Energy measurement interrupt enable MSByte
0xDC
R/W
MIRQSTL
Energy measurement interrupt status LSByte
0xDD
R/W
MIRQSTM
Energy measurement interrupt status Middle byte
0xDE
R/W
MIRQSTH
Energy measurement interrupt status MSByte
0xE2
R
WAV1L
Selection 1 sample LSByte
0xE3
R
WAV1M
Selection 1 sample Middle byte
0xE4
R
WAV1H
Selection 1 sample MSByte
0xE5
R
WAV2L
Selection 2 sample LSByte
0xE6
R
WAV2M
Selection 2 sample Middle byte
0xE7
R
WAV2H
Selection 2 sample MSByte
ENERGY MEASUREMENT REGISTERS
Table 28. Energy Measurement Register List
Address
MADDPT[6:0]
Name
R/W
Length
Signed
/Unsigned
Default
Value
Description
0x00
Reserved
-
-
-
-
-
0x01
WATTHR
R
24
S
0
Read Watt-hour accumulator without reset
0x02
RWATTHR
R
24
S
0
Read Watt-hour accumulator with reset
0x03
LWATTHR
R
24
S
0
Read Watt-hour accumulator synchronous to line
cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com