Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7566 Datasheet(PDF) 56 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 52Page - Analog Devices ADE7566 Datasheet HTML 53Page - Analog Devices ADE7566 Datasheet HTML 54Page - Analog Devices ADE7566 Datasheet HTML 55Page - Analog Devices ADE7566 Datasheet HTML 56Page - Analog Devices ADE7566 Datasheet HTML 57Page - Analog Devices ADE7566 Datasheet HTML 58Page - Analog Devices ADE7566 Datasheet HTML 59Page - Analog Devices ADE7566 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 56 of 148
well as calculating the energy, this integration removes any
sinusoidal components that might be in the active power signal.
Figure 39 shows this discrete time integration or accumulation.
The active power signal in the waveform register is
continuously added to the internal active energy register.
The Active Energy accumulation depends on the setting of the
POAM and ABSAM bits in the ACCMODE register (0x0F).
When both bits are cleared, the addition is signed and therefore
negative energy is subtracted from the active energy contents.
When both bits are set, the ADE75XX/ADE71XX is set to be in
the more restrictive mode, the Positive Only Accumulation
mode.
When POAM bit in the ACCMODE register (0x0F) is set, only
positive power contributes to the active energy accumulation —
see the Watt positive-only accumulation mode section.
When ABSAM bit in the ACCMODE register (0x0F) is set, the
absolute active power is used for the active energy accumulation
— see the Watt absolute accumulation mode section.
The output of the multiplier is divided by WDIV. If the value in
the WDIV register is equal to 0, then the internal active energy
register is divided by 1. WDIV is an 8-bit unsigned register.
After dividing by WDIV, the active energy is accumulated in a
49-bit internal energy accumulation register. The upper 24 bits
of this register are accessible through a read to the active energy
register (WATTHR[23:0]). A read to the RWATTHR register
returns the content of the WATTHR register and the upper 24
bits of the internal register are cleared. As shown in Figure 39, the
active power signal is accumulated in an internal 49-bit signed
register. The active power signal can be read from the waveform
register by setting the WAVMODE register (0x0D) and setting
the WFSM bit in the Interrupt Enable Register 3 SFR
(MIRQENH, 0xDB). Like the current and voltage channels
waveform sampling modes, the waveform date is available at
sample rates of 27.9 kSPS, 14 kSPS, 7 kSPS, or
3.5 kSPS.
Figure 40 shows this energy accumulation for full-scale signals
(sinusoidal) on the analog inputs. The three curves displayed
illustrate the minimum period of time it takes the energy register
to roll over when the active power gain register contents are
0x7FF, 0x000, and 0x800. The watt gain register is used to carry
out power calibration in the ADE75XX/ADE71XX. As shown,
the fastest integration time occurs when the watt gain register is
set to maximum full scale, i.e., 0x7FF.
0x00,0000
0x7F,FFFF
0x3F,FFFF
0x40,0000
0x80,0000
WATTHR [23:0]
6.82
3.41
10.2
13.7
TIME (minutes)
WGAIN = 0x7FF
WGAIN = 0x000
WGAIN = 0x800
Figure 40. Energy Register Rollover Time for Full-Scale Power
(Minimum and Maximum Power Gain)
Note that the energy register contents rolls over to full-scale
negative (0x800000) and continues to increase in value when
the power or energy flow is positive—see Figure 40. Conversely,
if the power is negative, the energy register underflows to full-
scale positive (0x7FFFFF) and continues to decrease in value.
By using the interrupt enable register, the ADE75XX/ADE71XX
can be configured to issue an ADE interrupt to the 8052 core
when the active energy register is half-full (positive or negative)
or when an overflow or underflow occurs.
Integration time under steady Load
As mentioned in the last section, the discrete time sample
period (T) for the accumulation register is 1.22 μs (5/CLKIN).
With full-scale sinusoidal signals on the analog inputs and the
WGAIN register set to 0x000, the average word value from each
LPF2 is 0xCCCCD—see Figure 37. The maximum positive
value that can be stored in the internal 49-bit register is 248 or
0xFFFF,FFFF,FFFF before it overflows. The integration time
under these conditions with WDIV = 0 is calculated as follows:
Time =
xCCCCD
0
FFFF
FFFF,
xFFFF,
0
× 1.22 μs = 409.6 s = 6.82 min(15)
When WDIV is set to a value different from 0, the integration
time varies, as shown in Equation 16.
WDIV
Time
Time
WDIV
×
=
=0
(16)
Active energy accumulation modes
Watt signed accumulation mode
The ADE75XX/ADE71XX active energy default accumulation
mode is a signed accumulation based on the active power
information.
Watt positive-only accumulation mode
The ADE75XX/ADE71XX is placed in positive-only
accumulation mode by setting the POAM bit in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com