Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6376D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6376D
Description  0.5 A high-side driver quad intelligent power switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6376D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6376D Datasheet HTML 4Page - STMicroelectronics L6376D Datasheet HTML 5Page - STMicroelectronics L6376D Datasheet HTML 6Page - STMicroelectronics L6376D Datasheet HTML 7Page - STMicroelectronics L6376D Datasheet HTML 8Page - STMicroelectronics L6376D Datasheet HTML 9Page - STMicroelectronics L6376D Datasheet HTML 10Page - STMicroelectronics L6376D Datasheet HTML 11Page - STMicroelectronics L6376D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
L6376
8/18
AC operation
tr -tf
2, 3, 8,
9
Rise or fall time
Vs = 24 V; Rl = 47 Ω
Rl to ground
3.8
µs
td
12 vs 9
13 vs 8
14 vs 3
15 vs 2
Delay time
1
µs
dV/dt
2, 3, 8,
9
Slew rate
(Rise and fall edge)
Vs = 24 V; Rl = 47 Ω
Rl to ground
Rise
Fall
3
4
5
7.6
7
10
V/
µs
V/
µs
t
ON
16
On time during short
circuit condition
50 pF < CDON < 15 nF
1.28
µs/pF
tOFF
17
Off time during short
circuit condition
pin 13 grounded
64
tON
50 pF < CDOFF< 15 nF
1.28
µs/pF
fmax
Maximum operating
frequency
25
kHz
Source drain ndmos diode
Vfsd
Forward on voltage
Ifsd = 500 mA
1
1.5
V
Ifp
Forward peak current
tp = 10 ms;
duty cycle = 20 %
1.5
A
trr
Reverse recovery time
Ifsd = 500 mA;
dIfsd/dt = 25 A/ms
200
ns
tfr
Forward recovery time
50
ns
Table 5.
Electrical characteristcs (continued)
(Vs = 24 V; TJ = -25 to 125 °C; unless otherwise specified.)
Symbol
Pin#
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com