Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6376D Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6376D
Description  0.5 A high-side driver quad intelligent power switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6376D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6376D Datasheet HTML 6Page - STMicroelectronics L6376D Datasheet HTML 7Page - STMicroelectronics L6376D Datasheet HTML 8Page - STMicroelectronics L6376D Datasheet HTML 9Page - STMicroelectronics L6376D Datasheet HTML 10Page - STMicroelectronics L6376D Datasheet HTML 11Page - STMicroelectronics L6376D Datasheet HTML 12Page - STMicroelectronics L6376D Datasheet HTML 13Page - STMicroelectronics L6376D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Overtemperature protection (OVT)
L6376
10/18
5
Overtemperature protection (OVT)
If the chip temperature exceeds
Θlim (measured in a central position in the chip) the chip
deactivates itself.
The following actions are taken:
●
all the output stages are switched off;
●
the signal DIAG is activated (active low).
Normal operation is resumed as soon as (typically after some seconds) the chip
temperature monitored goes back below
Θ
lim-ΘH.
The different thresholds with hysteretic behavior assure that no intermittent conditions can
be generated.
6
Undervoltage protection (UV)
The supply voltage is expected to range from 9.5 V to 35 V, even if its reference value is
considered to be 24 V. In this range the device operates correctly. Below 9.5 V the overall
system has to be considered not reliable. Consequently the supply voltage is monitored
continuously and a signal, called UV, is internally generated and used.
The signal is “on” as long as the supply voltage does not reach the upper internal threshold
of the Vs comparator Vsth. The UV signal disappears above Vsth.
Once the UV signal has been removed, the supply voltage must decrease below the lower
threshold (i.e. Vsth-Vshys) before it is turned on again.
The hysteresis Vshys is provided to prevent intermittent operation of the device at low supply
voltages that may have a superimposed ripple around the average value.
The UV signal switches off the outputs, but has no effect on the creation of the reference
voltages for the internal comparators, nor on the continuous operation of the charge-pump
circuits.
7
Diagnostic logic
The situations that are monitored and signalled with the DIAG output pin are:
●
current limit (OVC) in action; there are 4 individual current limiting circuits, one per each
output; they limit the current that can be sunk from each output, to a typical value of
800 mA, equal for all of them;
●
under voltage (UV);
●
over temperature protection (OVT).
The diagnostic signal is transmitted via an open drain output (for ease of wired-or
connection of several such signals) and a low level represents the presence of at least one
of the monitored conditions, mentioned above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com