Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400PLZ00 Datasheet(PDF) 55 Page - Numonyx B.V

Part # JS48F4400PLZ00
Description  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400PLZ00 Datasheet(HTML) 55 Page - Numonyx B.V

Back Button JS48F4400PLZ00 Datasheet HTML 51Page - Numonyx B.V JS48F4400PLZ00 Datasheet HTML 52Page - Numonyx B.V JS48F4400PLZ00 Datasheet HTML 53Page - Numonyx B.V JS48F4400PLZ00 Datasheet HTML 54Page - Numonyx B.V JS48F4400PLZ00 Datasheet HTML 55Page - Numonyx B.V JS48F4400PLZ00 Datasheet HTML 56Page - Numonyx B.V JS48F4400PLZ00 Datasheet HTML 57Page - Numonyx B.V JS48F4400PLZ00 Datasheet HTML 58Page - Numonyx B.V JS48F4400PLZ00 Datasheet HTML 59Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
55
Numonyx™ Wireless Flash Memory (W18)
10.0
Read Operations
The device supports two read modes - asynchronous page and synchronous burst
mode. Asynchronous page mode is the default read mode after device power-up or a
reset. The Read Configuration Register (RCR) must be configured to enable
synchronous burst reads of the flash memory array (see Section 14.0, “Set Read
Configuration Register” on page 78).
Each partition of the device can be in any of four read states: Read Array, Read
Identifier, Read Status or CFI Query. Upon power-up, or after a reset, all partitions of
the device default to the Read Array state. To change a partition’s read state, the
appropriate read command must be written to the device (see Section 9.2, “Device
Commands” on page 50).
The following sections describe device read modes and read states in detail.
10.1
Asynchronous Page Read Mode
Following a device power-up or reset, asynchronous page mode is the default read
mode and all partitions are set to Read Array. However, to perform array reads after
any other device operation (e.g. write operation), the Read Array command must be
issued in order to read from the flash memory array.
Note:
Asynchronous page-mode reads can only be performed when Read Configuration
Register bit RCR[15] is set (see Section 14.0, “Set Read Configuration Register” on
page 78).
To perform an asynchronous page mode read, an address is driven onto A[MAX:0], and
CE#, OE# and ADV# are asserted. WE# and RST# must be deasserted. WAIT is
asserted during asynchronous page mode. ADV# can be driven high to latch the
address, or it must be held low throughout the read cycle. CLK is not used for
asynchronous page-mode reads, and is ignored. If only asynchronous reads are to be
performed, CLK should be tied to a valid VIH level, WAIT signal can be floated and
ADV# must be tied to ground. Array data is driven onto DQ[15:0] after an initial access
time tAVQV delay. (see Section 7.0, “AC Characteristics” on page 26).
In asynchronous page mode, four data words are “sensed” simultaneously from the flash
memory array and loaded into an internal page buffer. The buffer word corresponding
to the initial address on A[MAX:0] is driven onto DQ[15:0] after the initial access delay.
Address bits A[MAX:2] select the 4-word page. Address bits A[1:0] determine which
word of the 4-word page is output from the data buffer at any given time.
10.2
Synchronous Burst Read Mode
Read Configuration Register bits RCR[15:0] must be set before synchronous burst
operation can be performed. Synchronous burst mode can be performed for both array
and non-array reads such as Read ID, Read Status or Read Query (See for details).
Synchronous burst mode outputs 4, 8, 16, or . To perform a synchronous burst- read, an
initial address is driven onto A[MAX:0], and CE# and OE# are asserted. WE# and
RST# must be deasserted. ADV# is asserted, and then deasserted to latch the address.
Alternately, ADV# can remain asserted throughout the burst access, in which case the
address is latched on the next valid CLK edge after ADV# is asserted. See Section 14.0,
“Set Read Configuration Register” on page 78
During synchronous array and non-array read modes, the first word is output from the
data buffer on the next valid CLK edge after the initial access latency delay (see Section
14.2, “First Access Latency Count (RCR[13:11])” on page 79). Subsequent data is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com