Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400PLZ00 Datasheet(PDF) 98 Page - Numonyx B.V

Part # JS48F4400PLZ00
Description  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400PLZ00 Datasheet(HTML) 98 Page - Numonyx B.V

Back Button JS48F4400PLZ00 Datasheet HTML 94Page - Numonyx B.V JS48F4400PLZ00 Datasheet HTML 95Page - Numonyx B.V JS48F4400PLZ00 Datasheet HTML 96Page - Numonyx B.V JS48F4400PLZ00 Datasheet HTML 97Page - Numonyx B.V JS48F4400PLZ00 Datasheet HTML 98Page - Numonyx B.V JS48F4400PLZ00 Datasheet HTML 99Page - Numonyx B.V JS48F4400PLZ00 Datasheet HTML 100Page - Numonyx B.V JS48F4400PLZ00 Datasheet HTML 101Page - Numonyx B.V JS48F4400PLZ00 Datasheet HTML 102Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 98 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
98
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
Notes:
1.
The variable P is a pointer which is defined at CFI offset 15h.
2.
TPD - Top parameter device; BPD - Bottom parameter device.
3.
Partition: Each partition is 4-Mbit in size. It can contain main blocks OR a combination of both main and parameter blocks.
4.
Partition Region: Symmetrical partitions form a partition region. There are two partition regions: A contains all the
partitions that are made up of main blocks only; B contains the partition made up of the parameter and the main blocks.
Table 48: Partition and Erase Block Region Information
Address
32 Mbit
–B
–T
–B
–T
–B
–T
52:
--02
--02
--02
--02
--02
--02
53:
--01
--07
--01
--0F
--01
--1F
54:
--00
--00
--00
--00
--00
--00
55:
--11
--11
--11
--11
--11
--11
56:
--00
--00
--00
--00
--00
--00
57:
--00
--00
--00
--00
--00
--00
58:
--02
--01
--02
--01
--02
--01
59:
--07
--07
--07
--07
--07
--07
5A:
--00
--00
--00
--00
--00
--00
5B:
--20
--00
--20
--00
--20
--00
5C:
--00
--01
--00
--01
--00
--01
5D:
--64
--64
--64
--64
--64
--64
5E:
--00
--00
--00
--00
--00
--00
5F:
--01
--01
--01
--01
--01
--01
60:
--03
--03
--03
--03
--03
--03
61:
--06
--01
--06
--01
--06
--01
62:
--00
--00
--00
--00
--00
--00
63:
--00
--11
--00
--11
--00
--11
64:
--01
--00
--01
--00
--01
--00
65:
--64
--00
--64
--00
--64
--00
66:
--00
--02
--00
--02
--00
--02
67:
--01
--06
--01
--06
--01
--06
68:
--03
--00
--03
--00
--03
--00
69:
--07
--00
--0F
--00
--1F
--00
6A:
--00
--01
--00
--01
--00
--01
6B:
--11
--64
--11
--64
--11
--64
6C:
--00
--00
--00
--00
--00
--00
6D:
--00
--01
--00
--01
--00
--01
6E:
--01
--03
--01
--03
--01
--03
6F:
--07
--07
--07
--07
--07
--07
70:
--00
--00
--00
--00
--00
--00
71:
--00
--20
--00
--20
--00
--20
72:
--01
--00
--01
--00
--01
--00
73:
--64
--64
--64
--64
--64
--64
74:
--00
--00
--00
--00
--00
--00
75:
--01
--01
--01
--01
--01
--01
76:
--03
--03
--03
--03
--03
--03
64Mbit
128Mbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com