Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM1645-10 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STM1645-10
Description  RF POWER MODULES SATELLITE COMMUNICATIONS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1645-10 Datasheet(HTML) 3 Page - STMicroelectronics

  STM1645-10 Datasheet HTML 1Page - STMicroelectronics STM1645-10 Datasheet HTML 2Page - STMicroelectronics STM1645-10 Datasheet HTML 3Page - STMicroelectronics STM1645-10 Datasheet HTML 4Page - STMicroelectronics STM1645-10 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL PERFORMANCE
Temperature(Deg C)
0
10
203040
50
60
7080
0
-10
-20
-30
-40
20
22
24
26
28
30
1662 MHz
1626 MHz
Vc1 = 18V
Pin = 10mW
Pout = 10W
VC2 vs FLANGE TEMPERATURE
Frequency (MHz)
1620 1625 1630 1635 1640 1645 1650 1655 1660 1665 1670
10
12
14
16
18
20
Pin = 10mW
Vc1 = 18V
Vc2 = 28V
-35 deg C
+25 deg C
+70 deg C
POWER OUTPUT vs FREQUENCY
STM1645-10
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com