Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM1404 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM1404
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM1404_08 Datasheet HTML 27Page - STMicroelectronics STM1404_08 Datasheet HTML 28Page - STMicroelectronics STM1404_08 Datasheet HTML 29Page - STMicroelectronics STM1404_08 Datasheet HTML 30Page - STMicroelectronics STM1404_08 Datasheet HTML 31Page - STMicroelectronics STM1404_08 Datasheet HTML 32Page - STMicroelectronics STM1404_08 Datasheet HTML 33Page - STMicroelectronics STM1404_08 Datasheet HTML 34Page - STMicroelectronics STM1404_08 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
STM1404
Package mechanical data
31/36
Figure 30.
QFN16 – 16-lead, quad, flat package, no lead, 3 x 3 mm, recommended
footprint
Note:
Substrate pad should be tied to VSS.
Table 8.
QFN16 – 16-lead, quad, flat package, no lead, 3 x 3 mm body size mechanical
data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
0.90
0.80
1.00
0.035
0.032
0.039
A1
0.02
0.00
0.05
0.001
0.000
0.002
A3
0.20
0.008
b
0.25
0.18
0.30
0.010
0.007
0.012
D
3.00
2.90
3.10
0.118
0.114
0.122
D2
1.70
1.55
1.80
0.067
0.061
0.071
E
3.00
2.90
3.10
0.118
0.114
0.122
E2
1.70
1.55
1.80
0.067
0.061
0.071
e0.50–
0.020
K
0.20
0.008
L
0.40
0.30
0.50
0.016
0.012
0.020
ddd
0.08
0.003
Ch
–0.33–
0.013
N16
16
0.28
1.60
3.55
2.0
AI09126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com