Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDMIULC6-2M6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HDMIULC6-2M6
Description  Ultra large bandwidth ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMIULC6-2M6 Datasheet(HTML) 1 Page - STMicroelectronics

  HDMIULC6-2M6 Datasheet HTML 1Page - STMicroelectronics HDMIULC6-2M6 Datasheet HTML 2Page - STMicroelectronics HDMIULC6-2M6 Datasheet HTML 3Page - STMicroelectronics HDMIULC6-2M6 Datasheet HTML 4Page - STMicroelectronics HDMIULC6-2M6 Datasheet HTML 5Page - STMicroelectronics HDMIULC6-2M6 Datasheet HTML 6Page - STMicroelectronics HDMIULC6-2M6 Datasheet HTML 7Page - STMicroelectronics HDMIULC6-2M6 Datasheet HTML 8Page - STMicroelectronics HDMIULC6-2M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
May 2008
Rev 1
1/17
HDMIULC6-2x6
Ultra large bandwidth ESD protection
Features
■ 2-line ESD protection (at 15 kV air and contact
discharge, exceeds IEC 61000-4-2)
■ Ultra low capacitance: 0.6 pF @ 825 MHz
■ Ultra high bandwidth - no influence on signal
rise and fall times - maximised number of signal
harmonics
■ Very low leakage current: 0.5 µA max.
■ Fast response time compared with varistors
■ Protects VBUS when applicable
■ RoHS compliant
Benefits
■ ESD standards compliance guaranteed at
device level, thus greater immunity at system
level
■ ESD protection of VBUS when applicable.
■ High efficiency due to low residual voltage
when confronted by an ESD surge
■ Large bandwidth to minimize impact on data
signal quality
■ Consistent D+ / D- signal balance:
– Ultra low impact on intra- and inter-pair
skew
– Matching high bit rate HDMI requirements
and ready for future evolution
■ Low PCB space occupation - 1.45 mm2
for µQFN
■ Low leakage current for longer operation of
battery powered devices
■ Higher reliability offered by monolithic
integration
■ 500 µm pitch for µQFN 6 leads
Complies with these standards
■ IEC 61000-4-2 level 4
– 15 kV air discharge
– 8 kV contact discharge
■ MIL STD883G-Method 3015-7
Applications
■ HDMI ports at 1.65 Gb/s and up to 3.2 Gb/s
■ IEEE 1394a, b, or c up to 3.2 Gb/s
■ USB 2.0 ports up to 480 Mb/s (Hi-Speed)
■ Ethernet port: 10/100/1000 Mb/s
■ Video line protection
Description
The HDMIULC6-2x6 is a monolithic, application
specific discrete device dedicated to ESD
protection of the HDMI connection. It also offers
the same high level of protection for IEEE 1394a
and IEEE 1394b/c, USB 2.0, Ethernet links, and
video lines.
Its ultra high cutoff frequency (5.9 GHz) secures a
high level of signal integrity. The device topology
provides this integrity without compromising the
complete protection of ICs against the most
stringent ESD strikes.
µQFN (pin view)
HDMIULC6-2M6
SOT-666
HDMIULC6-2P6
www.st.com


Similar Part No. - HDMIULC6-2M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDMIULC6-2M6 STMICROELECTRONICS-HDMIULC6-2M6 Datasheet
50Kb / 3P
Ultra Low Capacitance 2 line ESD protection
14-Nov-2006
More results

Similar Description - HDMIULC6-2M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDMIULC6-4SC6 STMICROELECTRONICS-HDMIULC6-4SC6 Datasheet
300Kb / 11P
Ultra large bandwidth ESD protection
26-Jul-2006
USBULC6-2M6 STMICROELECTRONICS-USBULC6-2M6 Datasheet
344Kb / 10P
Ultra large bandwidth ESD protection
29-Nov-2007
logo
ON Semiconductor
ESD7484 ONSEMI-ESD7484 Datasheet
269Kb / 7P
4-Line Ultra-Large Bandwidth ESD Protection
October, 2011 ??Rev. 0
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
Ultra Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
Ultra low capacitance ESD Protection
logo
STMicroelectronics
ESDAULC6-8F3 STMICROELECTRONICS-ESDAULC6-8F3 Datasheet
238Kb / 8P
8-line ultralarge bandwidth ESD protection
15-Oct-2010
HDMIULC6-4SC6Y STMICROELECTRONICS-HDMIULC6-4SC6Y Datasheet
209Kb / 12P
Automotive ultralarge bandwidth ESD protection
06-Sep-2012
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
STMicroelectronics
USBULC6-2P6 STMICROELECTRONICS-USBULC6-2P6 Datasheet
217Kb / 8P
Ultra large bandwidth ESD protection
31-Mar-2014
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com