Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDMIULC6-2M6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HDMIULC6-2M6
Description  Ultra large bandwidth ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMIULC6-2M6 Datasheet(HTML) 5 Page - STMicroelectronics

  HDMIULC6-2M6 Datasheet HTML 1Page - STMicroelectronics HDMIULC6-2M6 Datasheet HTML 2Page - STMicroelectronics HDMIULC6-2M6 Datasheet HTML 3Page - STMicroelectronics HDMIULC6-2M6 Datasheet HTML 4Page - STMicroelectronics HDMIULC6-2M6 Datasheet HTML 5Page - STMicroelectronics HDMIULC6-2M6 Datasheet HTML 6Page - STMicroelectronics HDMIULC6-2M6 Datasheet HTML 7Page - STMicroelectronics HDMIULC6-2M6 Datasheet HTML 8Page - STMicroelectronics HDMIULC6-2M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
HDMIULC6-2x6
Application examples
5/17
2
Application examples
Figure 12.
HDMI single link application
Figure 13.
T1/E1/Ethernet protection
TMDS links
TC+
TC-
Tx2+
Tx2-
Tx1+
Tx1-
Tx0+
Tx0-
TMDS
transmitter
video
audio
Ctrl /
status
video
audio
Ctrl /
status
Multimedia
controller
controller
Rx0-
Rx0+
TMDS
receiver
Rx1-
Rx1+
Rx2-
Rx2+
RC-
RC+
Display
(TV, flat panel,
monitor,
projector)
Host
(Set Top Box,
DVD player, PC)
SCL
CEC
CEC
SCL
Control links
SDA
SDA
HPD
HPD
HDMI connectors
Vcc 5V
Vcc 5V
HDMIULC6-2P6
HDMIULC6-4SC6
or USBLC6-4SC6
HDMI
TMDS links
TC+
TC-
Tx2+
Tx2-
Tx1+
Tx1-
Tx0+
Tx0-
TMDS
transmitter
video
audio
Ctrl /
status
video
audio
Ctrl /
status
Multimedia
controller
controller
Rx0-
Rx0+
TMDS
receiver
Rx1-
Rx1+
Rx2-
Rx2+
RC-
RC+
Display
(TV, flat panel,
monitor,
projector)
Host
(Set Top Box,
DVD player, PC)
SCL
CEC
CEC
SCL
Control links
SDA
SDA
HPD
HPD
HDMI connectors
Vcc 5V
Vcc 5V
HDMIULC6-2M6
HDMIULC6-4SC6
HDMI
1
6
2
5
3
4
1
6
2
5
3
4
1
6
2
5
3
4
1
6
2
5
3
4
1
6
2
5
3
4
1
6
2
5
3
4
1
6
2
5
3
4
1
6
2
5
3
4
DA TA
TRANSCEIVER
SMP75-8
SMP75-8
Tx
Rx
+VCC
+VCC
100nF
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com