Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRIS2K-SBN18 Datasheet(PDF) 57 Page - STMicroelectronics

Part # LRIS2K-SBN18
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-SBN18 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button LRIS2K-SBN18 Datasheet HTML 53Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 54Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 55Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 56Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 57Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 58Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 59Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 60Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 102 page
background image
LRIS2K
Read Single Block
57/102
25
Read Single Block
On receiving the Read Single Block command, the LRIS2K reads the requested block and
sends back its 32 bits value in the request. The Option_flag is supported.
Request parameters:
●
Option_flag
●
UID (optional)
●
Block number
Response parameters:
●
Block Locking Status if Option_flag is set (see Table 33: Block Locking status)
●
4 bytes of block data
Response parameter:
●
Error code as Error_flag is set
–
0Fh: other error
–
10h: block address not available
Table 31.
Read Single Block request format
Request
SOF
Request_flags
Read Single
Block
UID
Block
number
CRC16
Request
EOF
8 bits
20h
64 bits
8 bits
16 bits
Table 32.
Read Single Block response format when Error_flag is NOT set
Response
SOF
Response_flags
Block locking
status
Data
CRC16
Response
EOF
8 bits
8 bits
32 bits
16 bits
Table 33.
Block Locking status
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future
use. All at 0
password
control bits
Read / Write
protection bits
0: Current Block not locked
1: Current Block locked
Table 34.
Read Single Block response format when Error_flag is set
Response
SOF
Response_
Flags
Error code
CRC16
Response
EOF
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com