Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRIS2K-SBN18 Datasheet(PDF) 91 Page - STMicroelectronics

Part # LRIS2K-SBN18
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-SBN18 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button LRIS2K-SBN18 Datasheet HTML 87Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 88Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 89Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 90Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 91Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 92Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 93Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 94Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
LRIS2K
DC and AC parameters
91/102
Figure 60 shows an ASK modulated signal, from the VCD to the LRIS2K. The test condition
for the AC/DC parameters are:
●
Close coupling condition with tester antenna (1mm)
●
LRIS2K performance measured at the tag antenna
Figure 60.
LRIS2K synchronous timing, transmit and receive
Table 93.
DC characteristics(1)
1.
TA = –20 to 85 °C.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Regulated voltage
1.5
3.0
V
VRET
Retromodulated induced
voltage
ISO10373-7
10
mV
ICC
Supply current
Read
VCC = 3.0 V
50
µA
Write
VCC = 3.0 V
150
µA
CTUN
Internal tuning capacitor
f = 13.56 MHz for W4/1
21
pF
f = 13.56 MHz for W4/2
28.5
pF
f = 13.56 MHz for W4/3
97
pF
f = 13.56 MHz for W4/4
23.5
pF
Table 94.
Operating conditions
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient operating temperature
–20
85
°C
AI06680
AB
tRFF
tRFR
tRFSBL
tMAX
tMIN CD
fCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com